Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14E9 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP14E9
Description  3.0A Dual High-Speed Power MOSFET Driver With Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E9 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP14E9 Datasheet HTML 9Page - Microchip Technology MCP14E9 Datasheet HTML 10Page - Microchip Technology MCP14E9 Datasheet HTML 11Page - Microchip Technology MCP14E9 Datasheet HTML 12Page - Microchip Technology MCP14E9 Datasheet HTML 13Page - Microchip Technology MCP14E9 Datasheet HTML 14Page - Microchip Technology MCP14E9 Datasheet HTML 15Page - Microchip Technology MCP14E9 Datasheet HTML 16Page - Microchip Technology MCP14E9 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
© 2011 Microchip Technology Inc.
DS25005A-page 13
MCP14E9/10/11
4.0
APPLICATION INFORMATION
4.1
General Information
MOSFET drivers are high-speed, high-current devices
which are intended to source/sink high-peak currents to
charge/discharge the gate capacitance of external
MOSFETs, or insulated gate bipolar transistors
(IGBTs). In high-frequency switching power supplies,
the Pulse-Width Modulation (PWM) controller may not
have the drive capability to directly drive the power
MOSFET. MOSFET drivers, like the MCP14E9/10/11
family, can be used to provide additional source/sink
current capability.
An additional degree of control has been added to the
MCP14E9/10/11 family. There are seperate enable
functions for each driver that allow for the immediate
termination of the output pulse, regardless of the state
of the input signal.
4.2
MOSFET Driver Timing
The ability of a MOSFET driver to transition from a fully
OFF state to a fully ON state are characterized by the
drivers’ rise time (tR), fall time (tF) and propagation
delays (tD1 and tD2). The MCP14E9/10/11 family of driv-
ers can typically charge and discharge an 1800 pF load
capacitance in approximately 15 ns, along with a typical
matched propagation delay of 45 ns. Figure 4-1 and
Figure 4-2 show the test circuit and timing waveform
used to verify the MCP14E9/10/11 timing.
FIGURE 4-1:
Inverting Driver Timing
Waveform.
FIGURE 4-2:
Non-Inverting Driver Timing
Waveform.
4.3
Enable Function
The ENB_A and ENB_B enable pins allow the indepen-
dent control of OUT A and OUT B, respectively. They
are active-high and are internally pulled up to VDD, so
that the default state is to enable the driver. These pins
can be left floating for normal operation.
When an enable pin voltage is above the enable pin
high threshold voltage, VEN_H, that driver output is
enabled and allowed to react to changes in the INPUT
pin voltage state. Similarly, when the enable pin voltage
falls below the enable pin low threshold voltage, VEN_L,
that driver output is disabled and does not respond to
the changes in the INPUT pin voltage state. When the
driver is disabled, the output goes to a low state. Refer
to Table 4-1 for enable pin logic. The threshold voltages
of the enable function are compatible with logic levels.
Hysteresis is provided to help increase the noise immu-
nity of the enable function, avoiding false triggers of the
enable signal during driver switching. For robust
designs, it is recommended that the slew rate of the
enable pin signal be greater than 1V/ns.
There are propagation delays associated with the
driver receiving an enable signal and the output
reacting. These propagation delays, tD3 and tD4, are
graphically represented in Figure 4-3.
0.1 µF
+5V
10%
90%
10%
90%
10%
90%
18V
1µF
0V
0V
CL = 1800 pF
Input
Input
Output
tD1
tF
tD2
Output
tR
VDD = 18V
Ceramic
CL = 1800 pF
Input
Output
MCP14E9
½ MCP14E11
90%
Input
tD1
tF
tD2
Output
tR
10%
10%
10%
+5V
18V
0V
0V
90%
90%
0.1 µF
1µF
CL =1800pF
Input
Output
V
DD =18V
Ceramic
CL = 1800 pF
Input
Output
MCP14E9
½ MCP14E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com