Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-6-5 Datasheet(PDF) 3 Page - CUI INC

Part # VOF-6-5
Description  SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-6-5 Datasheet(HTML) 3 Page - CUI INC

  VOF-6-5 Datasheet HTML 1Page - CUI INC VOF-6-5 Datasheet HTML 2Page - CUI INC VOF-6-5 Datasheet HTML 3Page - CUI INC VOF-6-5 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L
+Vo
GND
N
0.126
3.2
2.165
55.0
35.0 1.378
0.098
0.787
20.0
0.492
12.5
0.689
17.5
2.5
47.0 1.850
REV.
DESCRIPTION
DATE
A
NEW DRAWING
12/22/2010
4.5
(4 PLCS)
0.984
25.0
0.650
16.5
0.177
0.039
1.0
(4 PLCS)
8.5 0.335
(4 PLCS)
SPECIFIED
±0.3mm UNLESS OTHERWISE
TOLERANCE:
Website: www.cui.com
A
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
RoHS
2:1
SWITCHING POWER SUPPLY
COPYRIGHT 2010 BY CUI INC.
TITLE:
MM [INCHES]
ZRJ
VOF-6
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
VOF-6
SCALE:
REV:
SCALE: 1:1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com