Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-6-12 Datasheet(PDF) 2 Page - CUI INC

Part # VOF-6-12
Description  SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-6-12 Datasheet(HTML) 2 Page - CUI INC

  VOF-6-12 Datasheet HTML 1Page - CUI INC VOF-6-12 Datasheet HTML 2Page - CUI INC VOF-6-12 Datasheet HTML 3Page - CUI INC VOF-6-12 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
10/2010
2 of 4
SWITCHING POWER SUPPLY
VOF-6
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
OUTPUT
parameter
conditions/description
min
nom
max
units
line regulation
3.3 V model
±0.6
±0.5
%
%
load regulation
3.3 V model
±1.2
±1
%
%
hold-up time
115 V ac
6
ms
temperature coefficient
±0.05
%/°C
over voltage protection
by TVS clamping
over current protection
auto recovery
105
%
SAFETY & COMPLIANCE
parameter
conditions/description
min
nom
max
units
HI-POT
input to output at 10 mA for 1 minute
3,000
V ac
insulation resistance
input to output at 500 V dc @ 25°C
50
M
safety approvals
UL60950-1, CSA60950-1, EN60950-1, Class II, CE
EMC/EMI
EN55022-B, FCC class B
leakage current
0.25
mA
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
nom
max
units
operating temperature
045
°C
operating humidity
20
90
%
storage temperature
-20
85
°C
storage humidity
20
90
%
DERATING CURVE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com