Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP6840 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP6840
Description  4.3A Supercapacitor Flash LED Driver with I2C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6840 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP6840 Datasheet HTML 3Page - Exar Corporation XRP6840 Datasheet HTML 4Page - Exar Corporation XRP6840 Datasheet HTML 5Page - Exar Corporation XRP6840 Datasheet HTML 6Page - Exar Corporation XRP6840 Datasheet HTML 7Page - Exar Corporation XRP6840 Datasheet HTML 8Page - Exar Corporation XRP6840 Datasheet HTML 9Page - Exar Corporation XRP6840 Datasheet HTML 10Page - Exar Corporation XRP6840 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
X
XR
RP
P6
68
84
40
0
4
4..3
3A
A S
Su
up
pe
errcca
ap
pa
acciitto
orr F
Flla
as
sh
h L
LE
ED
D D
Drriiv
ve
err w
wiitth
h II22C
C
© 2009 Exar Corporation
7/17
Rev. 1.0.0
TYPICAL PERFORMANCE CHARACTERISTICS
All data taken at VIN = 2.7V to 5.5V, TJ = TA = 25°C, unless otherwise specified - Schematic and BOM from Application
Information section of this datasheet.
Fig. 5: High Efficiency Torch Mode ILED at 200mA
no supercap
Fig. 6: High Efficiency Torch Mode, LED Current versus VIN
no supercap
Fig. 7: High Efficiency Torch Mode, Input Current versus VIN
ILED at 200mA, no supercap
Fig. 8: VOUT RDY: 0.6F Supercap, CH1 = VIN,
CH2 = VOUT, CH3 = RDY, CH4 = IVIN =0.5A/div
Fig. 9: In-rush Current with Li-ion Battery
0.6F Supercap, CIN=10µF CH1 = VIN, CH4 = IVIN =0.5A/div
Fig. 10: In-rush Current, 0.6F Supercap, CIN = 22µF,
CH1 = VIN, CH4 = IVIN =0.5A/div
1100mA
680mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com