Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XFSMCX-R68M Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XFSMCX-R68M
Description  Measurement frequency of inductance value : at 100KHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XFSMCX-R68M Datasheet(HTML) 1 Page - XFMRS Inc.

  XFSMCX-R68M Datasheet HTML 1Page - XFMRS Inc. XFSMCX-R68M Datasheet HTML 2Page - XFMRS Inc. XFSMCX-R68M Datasheet HTML 3Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C
9.5
2.9
7.0


Similar Part No. - XFSMCX-R68M

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFSMC2 XFMRS-XFSMC2 Datasheet
538Kb / 6P
High-Current Cube Inductors
XFSMC2-100M XFMRS-XFSMC2-100M Datasheet
538Kb / 6P
High-Current Cube Inductors
XFSMC2-1R0M XFMRS-XFSMC2-1R0M Datasheet
538Kb / 6P
High-Current Cube Inductors
XFSMC2-1R5M XFMRS-XFSMC2-1R5M Datasheet
538Kb / 6P
High-Current Cube Inductors
XFSMC2-2R2M XFMRS-XFSMC2-2R2M Datasheet
538Kb / 6P
High-Current Cube Inductors
More results

Similar Description - XFSMCX-R68M

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFHCL11MM-R10N XFMRS-XFHCL11MM-R10N_11 Datasheet
85Kb / 1P
MEASUREMENT FREQUENCY OF INDUCTANCE VALUE: AT 100KHz
XFHCL4MM-R10N XFMRS-XFHCL4MM-R10N Datasheet
91Kb / 1P
MEASUREMENT FREQUENCY OF INDUCTANCE VALUE: AT 100KHz
logo
Murata Manufacturing Co...
1239AS-H-1R0M MURATA-1239AS-H-1R0M_18 Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
1239AS-H-6R8M MURATA-1239AS-H-6R8M_18 Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
1239AS-H-R47M MURATA-1239AS-H-R47M_18 Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
1276AS-H-4R7M MURATA-1276AS-H-4R7M_18 Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
1285AS-H-2R2M MURATA-1285AS-H-2R2M_18 Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE201210U-R24M MURATA-DFE201210U-R24M_18 Datasheet
998Kb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE201210U-1R0M MURATA-DFE201210U-1R0M Datasheet
999Kb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE201208S-2R2M MURATA-DFE201208S-2R2M Datasheet
998Kb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com