Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS4 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # MS4
Description  HIGH RELIABILITY FOR LOW COST LOW PROFILE - 2.0 MM MAX. PACKAGE HEIGHT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

MS4 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  MS4 Datasheet HTML 1Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- LOW PROFILE - 2.0 MM MAX. PACKAGE HEIGHT
- MS2 FEATURES LOW COST GLASS CERAMICS PACKAGE
SERIES
FREQUENCY
3.2 ~ 30.0 MHz
24.0 ~ 48.0 MHz
27.0 ~ 70.0 MHz
MODE OF VIBRATION
AT-FUNDAMENTAL
BT-FUNDAMENTAL
3rd OVERTONE
RESONANCE RESISTANCE
300 ~ 40
Ω MAX.
40
Ω MAX.
150 ~ 80
Ω MAX.
FREQUENCY TOLERANCE AT 25°C
TEMPERATURE RANGE
+-30 PPM
+-50 PPM
LOAD CAPACITANCE
SHUNT CAPACITANCE
DRIVE LEVEL
AGING
INSULATION RESISTANCE
STORAGE TEMPERATURE
PART NUMBERING SYSTEM
EXAMPLE
MS4
FREQUENCY
IN MHZ
FREQUENCY TOLERANCE AT 25°C
REQUIRED VALUE
TEMPERATURE STABILITY
REQUIRED VALUE
REQUIRED VALUE
LOAD CAPACITANCE
REQUIRED VALUE
OUTLINE DRAWING OF MS4
TEMPERATURE RANGE
7 PF MAX.
- HIGH SHOCK RESISTANCE AND LOW G-SENSIVITY
MS4
SEE OUTLINE DRAWING
0+50°C / -10/+60°C / 0/+70°C
http://www.petermann-technik.de | info@petermann-technik.de
+-30 PPM ~ +-50 PPM
0/+50°C ~ -20/+70°C
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
-40/+85°C
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
DELIVERY FORM
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
500 µW MAX.
+-3 PPM PER YEAR MAX.
- MS2 WAS DEVELOPED FOR REQUIREMENTS FOR LOW FREQUENCY AND LOW PROFILE
PACKAGE DIMENSIONS
TEMPERATURE
STABILITY
MS4 4.000 MHz 30/50/-20+70/20pF
>500 M
Ω DC/100V +-10%
TAPE AND REEL (1.000 PCS PER REEL)
SERIES
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C
8 ~ 32 PF OR SERIES
PETERMANN
TECHNIK
Time & Frequency Components
1.80
0.85
5.08
11.75
Glass ceramics
12.00
+ 0.00
- 0.05
metal lid
4-Gold plated alloy contact
1.80
2.60
5.08
Unit:mm


Similar Part No. - MS4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS4 ETC1-MS4 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
Altech corporation
MS4 ALTECH-MS4 Datasheet
774Kb / 8P
MS016
logo
Bel Fuse Inc.
MS4 BEL-MS4 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
logo
Crydom Inc.,
MS4 CRYDOM-MS4 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Bel Fuse Inc.
MS4 BEL-MS4 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
More results

Similar Description - MS4

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
HC-49US PETERMANN-HC-49US Datasheet
145Kb / 2P
HIGH RELIABILITY FOR LOW COST
CXOF PETERMANN-CXOF Datasheet
140Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2150 PETERMANN-M2150 Datasheet
130Kb / 2P
HIGH RELIABILITY FOR LOW COST
DPS PETERMANN-DPS Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
HIGH RELIABILITY FOR LOW COST
MS2 PETERMANN-MS2 Datasheet
70Kb / 1P
HIGH RELIABILITY FOR LOW COST LOW PROFILE - 2.0 MM MAX. PACKAGE HEIGHT
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
HIGH RELIABILITY FOR LOW COST
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com