Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-708 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VC-708
Description  Ultra Low Phase Noise
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-708 Datasheet(HTML) 2 Page - Vectron International, Inc

  VC-708 Datasheet HTML 1Page - Vectron International, Inc VC-708 Datasheet HTML 2Page - Vectron International, Inc VC-708 Datasheet HTML 3Page - Vectron International, Inc VC-708 Datasheet HTML 4Page - Vectron International, Inc VC-708 Datasheet HTML 5Page - Vectron International, Inc VC-708 Datasheet HTML 6Page - Vectron International, Inc VC-708 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Performance Specifications
1. The VC-708 power supply pin should be filtered, e.g., a 10, 0.1 and 0.01uf capacitor.
2. Includes calibration tolerance, operating temperature, supply voltage variations, aging and IR reflow.
3. Figure 1 defines these parameters.
4. Duty Cycle is defined as the On Time/Period, see Figure 1.
5. Measured using an Agilent E5052.
6. Measured using a LeCroy Wavemaster 8600A, 90K samples, no filtering applied.
7. Measured using a Wavecrest SIA3300C, 90K samples.
Table 1. Electrical Performance, LVPECL
Parameter
Symbol
Min
Typical
Maximum
Units
Supply
Voltage1
V
DD
3.135
2.375
3.3
2.5
3.465
2.625
V
Current (No Load)
I
DD
50
65
mA
Frequency
Nominal Frequency
f
N
125.000, 156.250, 160.000, 161.132812,
200.000
MHz
Stability2 (Ordering Option)
±25, ±50, ±100
ppm
Outputs
Output Logic Levels, -10/70°C
Output Logic High
Output Logic Low
V
OH
V
OL
V
DD
-1.025
V
DD
-1.810
V
DD
-0.880
V
DD
-1.620
V
V
Output Logic Levels, -40/85°C
Output Logic High
Output Logic Low
V
OH
V
OL
V
DD
-1.085
V
DD
-1.830
V
DD
-0.880
V
DD
-1.555
V
V
Output Rise and Fall Time3
Rise Time
Fall Time
t
R
t
F
1.0
1.0
ns
ns
Load
50 ohms into V
DD
-1.3V
Duty Cycle4
45
50
55
%
Jitter (12 kHz - 20 MHz ) 156.250MHz5
фJ
47
100
fs
Period Jitter6
RMS
P/P
Deterministic Jitter7
фJ
1.3
12
0
ps
ps
ps
Start-Up Time
t
SU
10
ms
Operating Temperature
(Ordering Option)
T
OP
-10/70 or -40/85
°C
Package Size
5.0 x 7.0 x 1.8
mm
Figure 1.
t
R
t
F
V
DD
*0.8
V
DD
*0.2
Crossing Point
On Time
Period
Page2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com