Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-820 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VC-820
Description  CMOS Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-820 Datasheet(HTML) 2 Page - Vectron International, Inc

  VC-820 Datasheet HTML 1Page - Vectron International, Inc VC-820 Datasheet HTML 2Page - Vectron International, Inc VC-820 Datasheet HTML 3Page - Vectron International, Inc VC-820 Datasheet HTML 4Page - Vectron International, Inc VC-820 Datasheet HTML 5Page - Vectron International, Inc VC-820 Datasheet HTML 6Page - Vectron International, Inc VC-820 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page2
Performance Specifications
Table 1. Electrical Performance, 3.3V Option
Parameter
Symbol
Min
Typical
Maximum
Units
Supply
Voltage1
V
DD
3.15
3.3
3.45
V
Maximum Voltage
-0.5
5
V
Current2
≤20.000MHz
20.000 to 39.999MHz
40.000 to 49.999MHz
50.000 to 79.999MHz
80.000 to 99.999MHz
100.000 to 133.000MHz
I
DD
6
7
8
9
10
40
mA
Current, Output Disabled
5
uA
Frequency
Nominal Frequency3
f
N
0.625
133.000
MHz
Stability4, (Ordering Option)
±25, ±50, ±100
ppm
Outputs
Output Logic Levels2, <40MHz
Output Logic High
Output Logic Low
Output Logic High Drive
Output Logic Low Drive
V
OH
V
OL
I
OH
I
OL
0.9*V
DD
4
4
0.1*V
DD
V
V
mA
mA
Output Logic Levels2, 40-99.99MHz
Output Logic High
Output Logic Low
Output Logic High Drive
Output Logic Low Drive
V
OH
V
OL
I
OH
I
OL
V
DD
-0.4
4
4
0.4
V
V
mA
mA
Output Logic Levels2, 100-133.000MHz
Output Logic High
Output Logic Low
Output Logic High Drive
Output Logic Low Drive
V
OH
V
OL
I
OH
I
OL
2.3
8
8
0.4
V
V
mA
mA
Load
I
OUT
15
pF
Output Rise /Fall Time2
t
R
/t
F
4ns
Duty Cycle2,5
45
50
55
%
Period Jitter6
RMS
Peak-Peak
Random Jitter
Deterministic Jitter
фJ
2.4
20.2
2.4
0
ps
RMS Jitter, 12k-20MHz, 125MHz
фJ
0.061
0.3
ps
Enable/Disable
Output Enable/Disable7
Output Enable
Output Disable
V
IH
V
IL
0.7*V
DD
0.3*V
DD
V
V
Disable time
t
D
150
ns
Start-Up Time
t
SU
5ms
Operating Temp, (Ordering Option)
T
OP
-10/70 or -40/85
°C
Specifications
The power supply should have by-pass capacitors as close to the supply and to ground as possible, for example 0.1 and 0.01uF.
1]
Parameters are tested with the test circuit shown Figure 1.
2]
See Standard Frequencies and Ordering Information tables for more specific information.
3]
Includes initial accuracy, operating temperature, supply voltage, shock and vibration (not under operation) and aging.
4]
Duty Cycle is measured as On Time/Period, see Fig 2.
5]
Broadband Period Jitter measured using Wavecrest SIA3300C, 90K samples.
6]
The Output is Enabled if the Enable/Disable is left open.
7]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com