Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCJ5 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VCJ5
Description  3.3V or 2.5V Operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCJ5 Datasheet(HTML) 1 Page - Vectron International, Inc

  VCJ5_09 Datasheet HTML 1Page - Vectron International, Inc VCJ5_09 Datasheet HTML 2Page - Vectron International, Inc VCJ5_09 Datasheet HTML 3Page - Vectron International, Inc VCJ5_09 Datasheet HTML 4Page - Vectron International, Inc VCJ5_09 Datasheet HTML 5Page - Vectron International, Inc VCJ5_09 Datasheet HTML 6Page - Vectron International, Inc VCJ5_09 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page1
VCJ5
LVPECL, LVDS Crystal Oscillator Data Sheet
Vectron’s VCJ5 Crystal Oscillator is a quartz stabilized, differential output oscillator, operating off either 2.5 or 3.3 volt supply, in a
hermetically sealed 9x15 ceramic package.
3.3V or 2.5V Operation
•
Output Frequencies to 260MHz
•
<0.7 ps RMS jitter, 12k-20MHz
•
Differential Output
•
Enable/Disable
•
-10/70°C or -40/85°C Operation
•
Hermetically Sealed 9x14 Ceramic Package
•
Product is compliant to RoHS directive
•
and fully compatible with lead free assembly
Storage Area Networking
•
Telecom
•
Ethernet, GE, SynchE
•
Fiber Channel
•
PON
•
Driving A/D’s, D/A’s, FPGA’s
•
Test and Measurement
•
Medical
•
COTS
•
Features
Applications
Block Diagram
Description
VCJ5
V
DD
Output
E/D or NC
Gnd
Oscillator
Crystal
E/D or NC
Complementary
Output


Similar Part No. - VCJ5_09

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCJ5-QAB-156M25 VECTRON-VCJ5-QAB-156M25 Datasheet
101Kb / 2P
14.0 x 8.9 x 4.5 mm 6 pin J - lead Ceramic SMD
More results

Similar Description - VCJ5_09

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Cypress Semiconductor
CY29350 CYPRESS-CY29350 Datasheet
186Kb / 7P
2.5V or 3.3V, 200-MHz, 9-Output Clock Driver
logo
List of Unclassifed Man...
FT-ROUTER5000 ETC2-FT-ROUTER5000 Datasheet
2Mb / 6P
3.3V operation
PT3602 ETC2-PT3602 Datasheet
216Kb / 1P
2.5V~18V operation
PT3603 ETC2-PT3603 Datasheet
213Kb / 1P
2.5V~18V operation
PT3621 ETC2-PT3621 Datasheet
232Kb / 1P
2.5V~18V operation
logo
TXC Corporation.
BX-SERIES TXC-BX-SERIES Datasheet
971Kb / 1P
3.3V and 2.5V operation available.
CB-SERIES TXC-CB-SERIES Datasheet
936Kb / 1P
3.3V and 2.5V operation available.
CF-SERIES TXC-CF-SERIES Datasheet
938Kb / 1P
3.3V and 2.5V operation available.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com