Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK22C48 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # STK22C48
Description  16-Kbit (2 K 횞 8) AutoStore??nvSRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button STK22C48 Datasheet HTML 9Page - Cypress Semiconductor STK22C48 Datasheet HTML 10Page - Cypress Semiconductor STK22C48 Datasheet HTML 11Page - Cypress Semiconductor STK22C48 Datasheet HTML 12Page - Cypress Semiconductor STK22C48 Datasheet HTML 13Page - Cypress Semiconductor STK22C48 Datasheet HTML 14Page - Cypress Semiconductor STK22C48 Datasheet HTML 15Page - Cypress Semiconductor STK22C48 Datasheet HTML 16Page - Cypress Semiconductor STK22C48 Datasheet HTML 17Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
STK22C48
Document Number: 001-51000 Rev. *D
Page 13 of 17
Ordering Code Definitions
Ordering Information
These parts are not recommended for new designs. They are in production to support ongoing production programs only.
Speed (ns)
Ordering Code
Package Diagram
Package Type
Operating Range
25
STK22C48-NF25ITR
51-85026
28-pin SOIC (300 mil)
Industrial
STK22C48-NF25I
51-85026
28-pin SOIC (300 mil)
STK22C48-SF25ITR
51-85058
28-pin SOIC (330 mil)
STK22C48-SF25I
51-85058
28-pin SOIC (330 mil)
45
STK22C48-NF45TR
51-85026
28-pin SOIC (300 mil)
Commercial
STK22C48-NF45
51-85026
28-pin SOIC (300 mil)
All parts are Pb-free. The above table contains Final information. Please contact your local Cypress sales representative for availability of these parts
Packaging Option:
TR = Tape and Reel
Blank = Tube
Speed:
25 - 25 ns
45 - 45 ns
Package:
S = Plastic 28-pin 330 mil SOIC
STK22C48 - N F 45 I TR
Temperature Range:
Blank - Commercial (0 °C to 70 °C)
N = Plastic 28-pin 300 mil SOIC
Lead Finish
F = 100% Sn (Matte Tin)
I - Industrial (-40 °C to 85 °C)
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com