Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF020B Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25VF020B
Description  2 Mbit SPI Serial Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF020B Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25VF020B Datasheet HTML 17Page - Microchip Technology SST25VF020B Datasheet HTML 18Page - Microchip Technology SST25VF020B Datasheet HTML 19Page - Microchip Technology SST25VF020B Datasheet HTML 20Page - Microchip Technology SST25VF020B Datasheet HTML 21Page - Microchip Technology SST25VF020B Datasheet HTML 22Page - Microchip Technology SST25VF020B Datasheet HTML 23Page - Microchip Technology SST25VF020B Datasheet HTML 24Page - Microchip Technology SST25VF020B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
©2011 Silicon Storage Technology, Inc.
S71417-03-000
02/11
21
2 Mbit SPI Serial Flash
SST25VF020B
Data Sheet
A Microchip Technology Company
Figure 18:Write Enable (WREN) Sequence
Write-Disable (WRDI)
The Write-Disable (WRDI) instruction resets the Write-Enable-Latch bit and AAI bit to 0 disabling any
new Write operations from occurring. The WRDI instruction will not terminate any programming opera-
tion in progress. Any program operation in progress may continue up to TBP after executing the WRDI
instruction. CE# must be driven high before the WRDI instruction is executed.
Figure 19:Write Disable (WRDI) Sequence
Enable-Write-Status-Register (EWSR)
The Enable-Write-Status-Register (EWSR) instruction arms the Write-Status-Register (WRSR)
instruction and opens the status register for alteration. The Write-Status-Register instruction must be
executed immediately after the execution of the Enable-Write-Status-Register instruction. This two-
step instruction sequence of the EWSR instruction followed by the WRSR instruction works like SDP
(software data protection) command structure which prevents any accidental alteration of the status
register values. CE# must be driven low before the EWSR instruction is entered and must be driven
high before the EWSR instruction is executed.
CE#
SO
SI
SCK
01 2 3 4 5 6 7
04
HIGH IMPEDANCE
MODE 0
MODE 3
1417 WRDI.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com