Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

311HS034XMT1901 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 311HS034XMT1901
Description  Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

311HS034XMT1901 Datasheet(HTML) 1 Page - Glenair, Inc.

  311HS034XMT1901 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-5
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
311-034
Composite Lamp Base Thread
EMI/RFI Shield Termination Backshell
with Self-Locking Rotatable Coupling Nut
E
± .06
(1.5)
.69 (17.5)
.75 (19.1)
.81 (20.6)
.88 (22.4)
.94 (23.9)
.97 (24.6)
1.06 (26.9)
1.13 (28.7)
1.19 (30.2)
1.34 (34.0)
F
± .09
(2.3)
.88 (22.4)
1.00 (25.4)
1.13 (28.7)
1.31 (33.3)
1.38 (35.1)
1.44 (36.6)
1.63 (41.4)
1.75 (44.5)
1.88 (47.8)
2.13 (54.1)
G
± .09
(2.3)
1.19 (30.2)
1.25 (31.8)
1.31 (33.3)
1.38 (35.1)
1.44 (36.6)
1.47 (37.3)
1.56 (39.6)
1.63 (41.4)
1.69 (42.9)
1.78 (45.2)
Max Entry
Dash No.**
02
03
04
05
06
07
08
09
10
11
TABLE II: CONNECTOR SHELL SIZE
**Consult factory for additional entry sizes available.
See introduction for additional connector front-end details.
Shell Size For
Connector Designator*
A
08
10
12
14
16
18
20
22
24
28
F/L
08
10
12
14
16
18
20
22
24
–
H
09
11
13
15
17
19
21
23
25
–
G
–
–
11
13
15
17
19
–
23
25
U
–
08
10
12
14
16
18
20
22
24
TABLE II: CABLE ENTRY
Entry Dia.
±.03
(0.8)
.13
(3.3)
.25
(6.4)
.38
(9.7)
.50 (12.7)
.63 (16.0)
.75 (19.1)
.81 (20.6)
.94 (23.9)
1.06 (26.9)
1.19 (30.2)
1.38 (35.1)
H
± .06
(1.5)
.45 (11.4)
.52 (13.2)
.64 (16.3)
.77 (19.6)
.92 (23.4)
1.02 (25.9)
1.14 (29.0)
1.27 (32.3)
1.43 (36.3)
1.52 (38.6)
1.64 (41.7)
Dash No.
01
02
03
04
05
06
07
08
09
10
11
Lamp Base Thread
Shield Termination
H
Entry
Diameter
1.25
(31.8)
Anti-Decoupling Device
E
F
G
H
Finish Symbol
(See Table III)
Connector Designator
A, F, L, H, G and U
Product Series
311 - EMI/RFI Lamp Base Thread
w/ Shrink Boot Porch
311 H S 034 XM 19 07
Angle and Profile
S - Straight
W - 90° Elbow
Basic Part
Number
Connector Shell Size
(See Table II)
Cable Entry
(See Table II)
TABLE III
Symbol
Finish Description
XM
2000 Hour Corrosion
Resistant Electroless
Nickel
XMT
2000 Hour Corrosion
Resistant Ni-PTFE,
Nickel-Fluorocarbon
Polymer. 1000 Hour
GreyTM
XW
2000 Hour Corrosion
Resistant Cadmium/
Olive Drab over
Electroless Nickel
NOTES
See Table I in Intro for front-end dimensional details.
1.
Coupling nut supplied unplated.
2.
Metric dimensions (mm) are for reference only.
3.


Similar Part No. - 311HS034XMT1901

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
311HS019XM GLENAIR-311HS019XM Datasheet
309Kb / 2P
Composite Lamp Base Thread
311HS019XMT GLENAIR-311HS019XMT Datasheet
309Kb / 2P
Composite Lamp Base Thread
311HS019XW GLENAIR-311HS019XW Datasheet
309Kb / 2P
Composite Lamp Base Thread
311HS063XM08 GLENAIR-311HS063XM08 Datasheet
288Kb / 2P
Composite Lamp Base Thread EMI/RFI Environmental Shield Termination Backshell
311HS063XM10 GLENAIR-311HS063XM10 Datasheet
288Kb / 2P
Composite Lamp Base Thread EMI/RFI Environmental Shield Termination Backshell
More results

Similar Description - 311HS034XMT1901

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
311AS063XM08 GLENAIR-311AS063XM08 Datasheet
288Kb / 2P
Composite Lamp Base Thread EMI/RFI Environmental Shield Termination Backshell
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
Composite EMI/RFI Backshell
319AS136XM08 GLENAIR-319AS136XM08 Datasheet
319Kb / 2P
Composite EMI/RFI Shield Sock
390AS052XM08 GLENAIR-390AS052XM08 Datasheet
371Kb / 2P
Composite Cone and Ring Style EMI/RFI Environmental Shield Termination Backshell
550T005M GLENAIR-550T005M Datasheet
134Kb / 2P
EMI/RFI D-Subminiature Split Backshell Lamp-Thread Type Shield Termination
712S270XM GLENAIR-712S270XM Datasheet
255Kb / 1P
Composite EMI/RFI Single Shield Termination Conduit Fitting
712S271XM GLENAIR-712S271XM Datasheet
258Kb / 2P
Composite Dual EMI/RFI Shield Termination Conduit Fitting
500T011E09B04 GLENAIR-500T011E09B04_11 Datasheet
234Kb / 2P
EMI/RFI Shield Sock Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_09 Datasheet
304Kb / 2P
Composite RFI/EMI Banding Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_11 Datasheet
230Kb / 2P
Composite EMI/RFI Banding Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com