Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C65621 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C65621
Description  EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65621 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C65621 Datasheet HTML 9Page - Cypress Semiconductor CY7C65621 Datasheet HTML 10Page - Cypress Semiconductor CY7C65621 Datasheet HTML 11Page - Cypress Semiconductor CY7C65621 Datasheet HTML 12Page - Cypress Semiconductor CY7C65621 Datasheet HTML 13Page - Cypress Semiconductor CY7C65621 Datasheet HTML 14Page - Cypress Semiconductor CY7C65621 Datasheet HTML 15Page - Cypress Semiconductor CY7C65621 Datasheet HTML 16Page - Cypress Semiconductor CY7C65621 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
CY7C65621/31
Document #: 001-52934 Rev. *C
Page 13 of 27
Configuration Options
Systems using CY7C65621/31 may have the option of using a
fuse ROM which is preset at the factory to configure the hub.
Otherwise, it must have an external EEPROM for the device to
have a unique VID, PID, and DID. The CY7C65621/31 can
communicate with SPI EEPROM that are either double byte
addressed or single byte with the 9th bit within the instruction
byte, such as the 24LC040 parts use. The 25LC080 EEPROM
uses the double byte address format, and therefore the
CY7C656xx can communicate with these parts. The '010s and
'020s use the same command format as is used to interface with
the ‘040. Therefore, these can also be used to interface with the
CY7C65621/31.
If the attached EEPROM is blank (0xFF), the hub enumerates as
a vendor class device. In this configuration, the hub connects to
the Cypress driver to allow programming of the EEPROM. When
the EEPROM is programmed a power cycle configures the chip
as a hub class device.
0xD0 Load
With this EEPROM format, only a unique VID, PID, and DID must
be present in the external SPI EEPROM. The contents of the
EEPROM must contain this information in the following format:
0xD2 Load
Byte 0: 0xD2
Needs to be programmed with 0xD2
Byte 1: VID (LSB)
Least Significant Byte of Vendor ID
Byte 2: VID (MSB)
Most Significant Byte of Vendor ID
Byte 3: PID (LSB)
Least Significant Byte of Product ID
Byte 4: PID (MSB)]
Most Significant Byte of Product ID
Byte 5: Reserved
Reserved
Byte 6: DID (MSB)]
Most Significant Byte of Device ID
Byte 7: EnabledOvercurrentTimer[3:0],
DisabledOvercurrentTimer[3:0]
Count time in ms for filtering overcurrent detection. Bits 7–4
are for an enabled port, and bits 3–0 are for a disabled port.
Both range from 0 ms to 15 ms. See section Port Indicators
on page 5. Default: 8 ms = 0x88.
Byte 8: ActivePorts[3:0], RemovablePorts[3:0]
Bits 7–4 are the ActivePorts[3:0] bits that indicates if the cor-
responding port is usable. For example, a two-port hub that
uses ports 1 and 4 sets this field to 0x09. The total number of
ports reported in the Hub Descriptor: bNbrPorts field is calcu-
lated from this. Bits 3–0 are the RemovablePorts[3:0] bits that
indicates whether the corresponding logical port is removable
(set to high). Logical port numbers are from 1 to n where n is
the total number of active ports. If port 2 is disabled then phys-
ical ports 1, 3, and 4 map to logical ports 1, 2, and 3. These
bit
values
are
reported
appropriately
in
the
HubDescriptor:DeviceRemovable field. Default: 0xFF.
Byte 9: MaximumPower
This value is reported in the ConfigurationDescriptor:bMax-
Power field and is the current in 2 mA increments that is re-
quired from the upstream hub. Default: 0x28 = 80 mA for full
speed and 0x57 = 174 mA for high speed.
Byte 10: HubControllerPower
This value is reported in the HubDescriptor:bHubContrCur-
rent field and is the current in milliamperes required by the
hub controller. Default: 0x50 = 80 mA for full speed and 0xAE
= 174 mA for high speed.
Byte 11: PowerOnTimer
This
value
is
reported
in
the
HubDescriptor:
bPwrOn2PwrGood field and is the time in 2 ms intervals from
the SetPortPower command until the power on the corre-
sponding downstream port is good. Default: 0x32 = 100 ms.
Byte
Value
0
0xD0
1
VID (LSB)
2
VID (MSB)
3
PID (LSB)
4
PID (MSB)
5
reserved
6
DID (MSB)
Byte
Value (MSB->LSB)
0
0xD2
1
VID (LSB)
2
VID (MSB)
3
PID (LSB)
4
PID (MSB)
5
reserved
6
DID (MSB)
7
EnabledOverCurrentTimer[3:0],
DisableOvercurrentTimer[3:0]
8
ActivePorts[3:0], RemovablePorts[3:0]
9MaxPower
10
HubControllerPower
11
PowerOnTimer
12
IllegalHubDescriptor, CompoundDevice,
FullspeedOnly, NoPortIndicators, Reserved,
GangPowered, Reserved, Reserved
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com