Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C52 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY8C52
Description  Programmable System-on-Chip (PSoC짰)
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY8C52 Datasheet HTML 17Page - Cypress Semiconductor CY8C52 Datasheet HTML 18Page - Cypress Semiconductor CY8C52 Datasheet HTML 19Page - Cypress Semiconductor CY8C52 Datasheet HTML 20Page - Cypress Semiconductor CY8C52 Datasheet HTML 21Page - Cypress Semiconductor CY8C52 Datasheet HTML 22Page - Cypress Semiconductor CY8C52 Datasheet HTML 23Page - Cypress Semiconductor CY8C52 Datasheet HTML 24Page - Cypress Semiconductor CY8C52 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
PRELIMINARY
PSoC® 5: CY8C52 Family Datasheet
Document Number: 001-66236 Rev. **
Page 21 of 94
Four 16-bit clock dividers generate clocks for the analog system
components that require clocking, such as the ADC. The
analog clock dividers include skew control to ensure that critical
analog events do not occur simultaneously with digital
switching events. This is done to reduce analog system noise.
Each clock divider consists of an 8-input multiplexer, a 16-bit
clock divider (divide by 2 and higher) that generates ~50% duty
cycle clocks, system clock resynchronization logic, and deglitch
logic. The outputs from each digital clock tree can be routed into
the digital system interconnect and then brought back into the
clock system as an input, allowing clock chaining of up to 32 bits.
6.1.4 USB Clock Domain
The USB clock domain is unique in that it operates largely
asynchronously from the main clock network. The USB logic
contains a synchronous bus interface to the chip, while running
on an asynchronous clock to process USB data. The USB logic
requires a 48 MHz frequency. This frequency is generated from
the doubled value of 24 MHz from internal oscillator, DSI signal,
or crystal oscillator.
6.2 Power System
The power system consists of separate analog, digital, and I/O
supply pins, labeled VDDA, VDDD, and Vddiox, respectively. It
also includes two internal 1.8 V regulators that provide the digital
(VCCD) and analog (VCCA) supplies for the internal core logic.
The output pins of the regulators (VCCD and VCCA) and the VDDIO
pins must have capacitors connected as shown in Figure 6-4.
The two VCCD pins must be shorted together, with as short a
trace as possible, and connected to a 1 µF ±10% X5R capacitor.
The power system also contains a sleep regulator and a
hibernate regulator.
Figure 6-4. PSoC Power System
Note The two VCCD pins must be connected together with as short a trace as possible. A trace under the device is recommended, as
shown in Figure 2-4.
Vssd
Vddio0
Vssa
Vcca
Vdda
Digital
Regulators
Analog
Regulator
Analog
Domain
Digital
Domain
I2C
Regulator
Sleep
Regulator
Hibernate
Regulator
I/O Supply
I/O Supply
I/O Supply
I/O Supply
.
Vddio2
Vddio0
Vddio3
Vddio1
0.1 µF
0.1 µF
0.1 µF
0.1 µF
Vddd
Vddd
1 µF
1 µF
Vdda
0.1 µF
0.1 µF
0.1 µF
[+] Feedback
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com