Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC809LU Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC809LU
Description  Microprocessor Reset Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809LU Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC809LU Datasheet HTML 1Page - Micrel Semiconductor MIC809LU Datasheet HTML 2Page - Micrel Semiconductor MIC809LU Datasheet HTML 3Page - Micrel Semiconductor MIC809LU Datasheet HTML 4Page - Micrel Semiconductor MIC809LU Datasheet HTML 5Page - Micrel Semiconductor MIC809LU Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
April 2005
5
M0450-041405
MIC809/810
Micrel
Applications Information
Microprocessor Reset
The /RESET (or RESET) pin is asserted whenever VCC falls
below the reset threshold voltage. The /RESET pin remains
asserted for a period of 140ms after VCC has risen above
the reset threshold voltage. The reset function ensures the
microprocessor is properly reset and powers up in a known
condition after a power failure. /RESET will remain valid with
VCC as low as 1.4V (1V for SC-70 package).
VCC Transients
TheMIC809/810arerelativelyimmunetonegative-goingVCC
glitches below the reset threshold.Typically, a negative-going
transient 125mV below the reset threshold with a duration of
20µs or less (SC70 package) will not cause a reset.
Interfacing to Bidirectional Reset Pins
The MIC809/810 can interface with µPs with bidirectional
reset pins by connecting a 4.7kΩ resistor in series with the
MIC809/810 output and the µP reset pin.
/RESET Valid at Low Voltage
A resistor can be added from the /RESET pin to ground to
ensure the /RESET output remains low with VCC down to
0V. A 100kΩ resistor connected from the /RESET to ground
is recommended. The resistor should be small enough to
pull-down any stray leakage currents and large enough not
to load the reset output. See Figure below.
VCC
RESET
µP
RESET
VCC
MIC809
VCC
100K
Reset Valid to VCC = 0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com