Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

720HA115B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 720HA115B
Description  Connector to Connector Pre-Terminated Assemblies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

720HA115B Datasheet(HTML) 1 Page - Glenair, Inc.

  720HA115B Datasheet HTML 1Page - Glenair, Inc. 720HA115B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
B-6
E-Mail: sales@glenair.com
www.glenair.com
LENGTH *
1.69
(42.9)
MAX.
REF.
O-RING
A THREAD
(Page F-17)
ADAPTER A
ADAPTER B
C OR D DIA
(Page F-17)
750-102 750-103 and 750-115
Connector to Connector Pre-Terminated Assemblies
Series 72 & 74 Tubing & Series 75 Conduit
Metric dimensions (mm) are indicated in parentheses.
*
Length tolerance is ± .250 (12.7) for lengths up to 24 inches (619.6 mm). Length tolerance for longer lengths is ± one percent (1%) of the
length.
**
Consult factory for fittings using 3.000" (76.2) conduit.
***
Pre-terminated assemblies using product Series 74 will be supplied with FEP material, standard wall thickness, standard convolutions, tin/
copper braid, and neoprene jacket. For other options consult factory.
TABLEI
SYMBOL
FINISH
B
Olive Drab over Cadmium Plate
J
Gold Iridite over Cadmium Plate over Nickel
M
Electroless Nickel
N
Olive Drab over Cadmium Plate over Nickel
NC
Zinc-Cobalt, Olive Drab
NF
Olive Drab over Cadmium Plate over
Electroless Nickel (500 Hour Salt Spray)
T
Bright Dip Cadmium Plate over Nickel
Z1
Passivate
FOR CONNECTOR-TO-CONNECTOR APPLICATIONS
CONNECTORDESIGNATORS(A-B-D-E-F-G-H-J-K-L-S)
Product Series
720 = Series 72
740 = Series 74 ***
750 = Series 75
Jacket
H = With Hypalon Jacket
V = With Viton Jacket
N = With Neoprene Jacket
X = No Jacket
E = EPDM
Conduit Type
Adapter Material
102 = Aluminum
103 = Brass
115 = Stainless Steel
750 N A 102 M F20 1 A16 2-24-36
Length in inches *
Conduit Dash No. **
Style 1 or 2
Adapter B:
Conn. Shell Size (For conn. des. B add
conn. mfr. symbol from Page F-13, e.g. 24H
if mating to an Amphenol connector)
Style 1 or 2 (Style 2 not available with N or T)
Adapter A:
Conn. Shell Size (For conn. des. B add
conn. mfr. symbol from Page F-13, e.g. 20H
if mating to an Amphenol connector)
Finish (Table I)


Similar Part No. - 720HA115B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
720HA110BT GLENAIR-720HA110BT Datasheet
97Kb / 2P
Connector to Adapter Pre-Terminated Assemblies
720HA110JT GLENAIR-720HA110JT Datasheet
97Kb / 2P
Connector to Adapter Pre-Terminated Assemblies
720HA110MT GLENAIR-720HA110MT Datasheet
97Kb / 2P
Connector to Adapter Pre-Terminated Assemblies
720HA110NCT GLENAIR-720HA110NCT Datasheet
97Kb / 2P
Connector to Adapter Pre-Terminated Assemblies
720HA110NFT GLENAIR-720HA110NFT Datasheet
97Kb / 2P
Connector to Adapter Pre-Terminated Assemblies
More results

Similar Description - 720HA115B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
220-00E10 GLENAIR-220-00E10 Datasheet
40Kb / 1P
Bulkhead Connector Receptacle Assemblies
220-03H10 GLENAIR-220-03H10 Datasheet
429Kb / 1P
Bulkhead Connector Receptacle Assemblies
220-04H10 GLENAIR-220-04H10 Datasheet
80Kb / 1P
Connector Receptacle Assemblies
220-09E10 GLENAIR-220-09E10 Datasheet
427Kb / 1P
Plug Connector Assemblies
750-100 GLENAIR-750-100 Datasheet
35Kb / 2P
Adapter to Adapter Pre-Terminated Assemblies
750-106 GLENAIR-750-106 Datasheet
63Kb / 1P
Pre-Terminated Assemblies
750-110 GLENAIR-750-110 Datasheet
97Kb / 2P
Connector to Adapter Pre-Terminated Assemblies
257-163 GLENAIR-257-163 Datasheet
67Kb / 2P
Connector Receptacle Assemblies
logo
Tyco Electronics
408-4571 MACOM-408-4571 Datasheet
87Kb / 3P
Backplane Receptacle Connector Assemblies
logo
Belden Inc.
MIPP BELDEN-MIPP Datasheet
825Kb / 4P
MIPP Pre-Terminated MPO Cassette
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com