Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2291 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2291
Description  1.2A PWM Boost Regulator Photo Flash LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2291 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2291 Datasheet HTML 1Page - Micrel Semiconductor MIC2291 Datasheet HTML 2Page - Micrel Semiconductor MIC2291 Datasheet HTML 3Page - Micrel Semiconductor MIC2291 Datasheet HTML 4Page - Micrel Semiconductor MIC2291 Datasheet HTML 5Page - Micrel Semiconductor MIC2291 Datasheet HTML 6Page - Micrel Semiconductor MIC2291 Datasheet HTML 7Page - Micrel Semiconductor MIC2291 Datasheet HTML 8Page - Micrel Semiconductor MIC2291 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
MIC2291
May 2007
3
M9999-051507
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).......................................................12V
Switch Voltage (VSW)....................................... –0.3V to 34V
Enable Pin Voltage (VEN)................................... –0.3V to VIN
FB Voltage (VFB)...............................................................6V
Switch Current (ISW) .........................................................2A
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN).......................................... 2.5V to 10V
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Resistance
2x2 MLF-8 (θJA) .................................................93°C/W
Thin SOT23-5 (θJA)..........................................256°C/W
Electrical Characteristics
(4)
TA = 25°C, VIN = VEN = 3.6V; VOUT = 10V; IOUT = 40mA, bold values indicate –40°C< TJ < +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.5
10
V
VUVLO
Under Voltage Lockout
1.8
2.1
2.4
V
IVIN
Quiescent Current
VFB > 200mV, (not switching)
2.8
5
mA
ISD
Shutdown Current
VEN = 0V(5)
0.1
1
µA
VFB
Feedback Voltage
(±5%)
90
95
100
mV
IFB
Feedback Input Current
VFB = 95mV
–450
nA
Line Regulation(7)
3V ≤ VIN ≤ 5V
0.5
1
%
Load Regulation(7)
5mA ≤ IOUT ≤ 40mA
0.5
%
DMAX
Maximum Duty Cycle
85
90
%
ISW
Switch Current Limit
1.2
A
VSW
Switch Saturation Voltage
ISW = 1.0A
550
mV
ISW
Switch Leakage Current
VEN = 0V, VSW = 10V
0.01
5
µA
VEN
Enable Threshold
TURN ON
TURN OFF
1.5
0.4
V
V
IEN
Enable Pin Current
VEN = 10V(6)
20
40
µA
fSW
Oscillator Frequency
1.05
1.2
1.35
MHz
VOVP
Overvoltage Protection
MIC2291BML- 15 only
MIC2291BML- 34 only
13
30
14
32
16
34
V
V
TJ
Overtemperature
Threshold Shutdown
Hysteresis
150
10
°C
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max), the
junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive die
temperature, and the regulator will go into thermal shutdown.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model.
4. Specification for packaged product only.
5. ISD = IVIN.
6. See “Typical Characteristics” section for other VEN.
7. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com