Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

720HA115M Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 720HA115M
Description  Connector to Connector Pre-Terminated Assemblies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

720HA115M Datasheet(HTML) 2 Page - Glenair, Inc.

  720HA115M Datasheet HTML 1Page - Glenair, Inc. 720HA115M Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
B-7
E-Mail: sales@glenair.com
www.glenair.com
TABLE I
DASH
CONDUIT
MIL-C-28840/4
A
NO.
I.D.
SIZE REF.
DIA
12
.375
(9.5)
03
.625 (15.9)
16
.500 (12.7)
04
.750 (19.1)
20
.625 (15.9)
05
.875 (22.2)
24
.750 (19.1)
06
1.000 (25.4)
32
1.000 (25.4)
08
1.375 (34.9)
40
1.250 (31.8)
10
1.625 (41.3)
48
1.500 (38.1)
12
1.875 (47.6)
64
2.000 (50.8)
16
2.375 (60.3)
Metric dimensions (mm) are indicated in parentheses.
* Length tolerance is ± .250 (12.7) for lengths up to 24
inches (619.6 mm). Length tolerance for longer
lengths is ± one percent (1%) of the length.
TABLE II
SYMBOL FINISH
B
Olive Drab over Cadmium Plate
J
Gold Iridite over Cadmium Plate over Nickel
M
Electroless Nickel
N
Olive Drab over Cadmium Plate over Nickel
NC
Zinc-Cobalt, Olive Drab
NF
Olive Drab over Cadmium Plate over
Electroless Nickel (500 Hour Salt Spray)
T
Bright Dip Cadmium Plate over Nickel
Z1
Passivate
LENGTH *
M28840/4 AC OR BC
CONDUIT
M28840/22
BUSHING
1.50
(44.5)
A DIA
Product Series
750 = Series 75
Neoprene Jacket
N = With Neoprene Jacket
X = Without Neoprene Jacket
Conduit Type
750 N A 106 M 24-36
Length in inches *
Dash No. (Table I)
Finish (Table II)
End Fitting Material
106 = Aluminum
107 = Brass
108 = Stainless Steel
USE WITH
ADAPTERS
M28840/5
M28840/25
M28840/27
M28840/30
750-102 750-103 and 750-115
Pre-Terminated Assemblies for
M28840/5, /25, /27 & /30 Adapters
Series 72 & 74 Tubing & Series 75 Conduit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com