Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYONS2001 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYONS2001
Description  OvationONS??II Wireless Laser Navigation System-on-Chip
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2001 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYONS2001 Datasheet HTML 17Page - Cypress Semiconductor CYONS2001 Datasheet HTML 18Page - Cypress Semiconductor CYONS2001 Datasheet HTML 19Page - Cypress Semiconductor CYONS2001 Datasheet HTML 20Page - Cypress Semiconductor CYONS2001 Datasheet HTML 21Page - Cypress Semiconductor CYONS2001 Datasheet HTML 22Page - Cypress Semiconductor CYONS2001 Datasheet HTML 23Page - Cypress Semiconductor CYONS2001 Datasheet HTML 24Page - Cypress Semiconductor CYONS2001 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
CYONS2001
Document Number: 001-44045 Rev. *G
Page 21 of 35
AC SPI Specifications
Table 13 lists guaranteed maximum and minimum specifications for the entire voltage and temperature ranges.
Table 14. AC SPI Slave Specifications
Table 13. AC SPI Master Specifications
Parameter
Description
Min
Typ
Max
Unit
fSCLK
SPI CLK frequency[12]
–
–
FIMO/2
MHz
tSETUP
SPI MISO to SPI CLK setup time
60
–
–
ns
tHOLD
SPI CLK to SPI MISO hold time
40
–
–
ns
tOUT_SU
SPI MOSI to SPI CLK setup time
40
–
–
ns
tOUT_H
SPI CLK to SPI MOSI hold time
40
–
–
ns
Parameter
Description
Min
Typ
Max
Unit
fSCLK
SPI CLK frequency[12]
–
–
12
MHz
tLOW
Minimum SPI CLK low width[13]
41.67
–
–
ns
tHIGH
Minimum SPI CLK high width[13]
41.67
–
–
ns
tSETUP
SPI MOSI to SPI CLK setup time
25
–
–
ns
tHOLD
SPI CLK to SPI MOSI hold time
25
–
–
ns
tOUT_H
SPI CLK to SPI MISO hold time
35
–
–
ns
tSS_MISO
SPI SS to SPI MISO valid
–
–
100
ns
tSCLK_MISO SPI CLK to SPI MISO valid
–
–
140
ns
tSS_HIGH
Minimum SPI SS high width
–
–
35
ns
tSS_CLK
Time from SPI SS low to first SPI CLK
–
–
20
ns
tCLK_SS
Time from last SPI CLK to SPI SS high
–
–
25
ns
Notes
12. Clock frequency is half of clock input to SPI block.
13. Value corresponds to 50% duty cycle at 12 MHz.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com