Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE28C1001T Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LE28C1001T
Description  1MEG (131072 words x 8 bits) Flash Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE28C1001T Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LE28C1001T Datasheet HTML 3Page - Sanyo Semicon Device LE28C1001T Datasheet HTML 4Page - Sanyo Semicon Device LE28C1001T Datasheet HTML 5Page - Sanyo Semicon Device LE28C1001T Datasheet HTML 6Page - Sanyo Semicon Device LE28C1001T Datasheet HTML 7Page - Sanyo Semicon Device LE28C1001T Datasheet HTML 8Page - Sanyo Semicon Device LE28C1001T Datasheet HTML 9Page - Sanyo Semicon Device LE28C1001T Datasheet HTML 10Page - Sanyo Semicon Device LE28C1001T Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AC Electrical Characteristics at Ta = 0 to +70°C, VCC = 5 V ± 10%
AC Testing Conditions (See Figure 9)
Input rise and fall times: ................10 ns (max.)
Output load: ....................................1 TTL gate + 100 pF
Read Cycle
Page Write Cycle
Note: * typ is a reference value at VCC = 5.0, Ta = 25 °C.
Figure 1 Read Cycle
No. 5129-7/14
LE28C1001M, T-90/12/15
Parameter
Symbol
min
typ*
max
Unit
Write cycle time (erase and program)
tWC
5
10
ms
Address setup time
tAS
0
ns
Address hold time
tAH
50
ns
CE setup time
tCS
0
ns
CE hold time
tCH
0
ns
OE setup time
tOES
0
ns
OE hold time
tOEH
0
ns
CE pulse width
tCP
70
ns
WE pulse width
tWP
70
ns
Data setup time
tDS
45
ns
Data hold time
tDH
0
ns
Byte load cycle time
tBLC
0.05
100
µs
Byte load timeout time
tBLCO
200
µs
LE28C1001M, T
Parameter
Symbol
-90
-12
-15
Unit
min
max
min
max
min
max
Read cycle time
tRC
90
120
150
ns
CE access time
tCE
90
120
150
ns
Address access time
tAA
90
120
150
ns
OE access time
tOE
50
60
70
ns
Output low-impedance time from CE
tCLZ
0
0
0
ns
Output low-impedance time from OE
tOLZ
0
0
0
ns
Output high-impedance time from CE
tCHZ
40
40
40
ns
Output high-impedance time from OE
tOHZ
40
40
40
ns
Output valid time from address input
tOH
0
0
0
ns
A05761



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com