Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3850SA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 3850SA
Description  Difference between Standard ver. and Spec.A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850SA Datasheet(HTML) 2 Page - Renesas Technology Corp

  3850SA Datasheet HTML 1Page - Renesas Technology Corp 3850SA Datasheet HTML 2Page - Renesas Technology Corp 3850SA Datasheet HTML 3Page - Renesas Technology Corp 3850SA Datasheet HTML 4Page - Renesas Technology Corp 3850SA Datasheet HTML 5Page - Renesas Technology Corp 3850SA Datasheet HTML 6Page - Renesas Technology Corp 3850SA Datasheet HTML 7Page - Renesas Technology Corp 3850SA Datasheet HTML 8Page - Renesas Technology Corp 3850SA Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
REJ99B0047-0100
-2-
Difference among 3850 Groups (Spec.A and Standard ver.)
Difference among 3850 Groups (Spec.A and Standard ver.)
VI
CNVss
Vcc
-0.3 to 13V(Mask ROM version
and PROM version)
-0.3 to Vcc+0.3V(Mask ROM
version)
-0.3 to 6.5V(Flash Memory version)
-0.3 to 7.0V
-0.3 to 6.5V
Absolute
maximum
ratings
Mask: 8K,16K
Flash:–
PROM:16K
Mask: 8K,16K,24K,32K
Flash: 32K
PROM: –
ROM size
8MHz
12.5MHz
Max.f(XIN)
–
Built in (Port P0 – P4 )
Software pull-up
resister
5 ports : P13-P17
8 ports : P10-P17
Large Current port
A-D channels
A-D converter
Serial I/O
Related
Products
5 channels
9 channels
Unserviceable in low-speed mode
Serviceable in low-speed mode
1 channel;
UART/Clock synchronous X 1
2 channels;
UART/Clock synchronous X 1
Clock synchronous X 1
M38503M2-XXXSP/FP
M38503M4-XXXSP/FP
M38503E4SP/FP
M38503E4SS
M38503M2A-XXXSP/FP
M38503M4A-XXXSP/FP
M38504M6A-XXXSP/FP
M38507M8A-XXXSP/FP
M38507F8ASP/FP
M38507ARLSS
3850 Group(standard ver.)
3850Group(Spec.A)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com