Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4559 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 4559
Description  Standard Characteristics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 4559_08 Datasheet HTML 9Page - Renesas Technology Corp 4559_08 Datasheet HTML 10Page - Renesas Technology Corp 4559_08 Datasheet HTML 11Page - Renesas Technology Corp 4559_08 Datasheet HTML 12Page - Renesas Technology Corp 4559_08 Datasheet HTML 13Page - Renesas Technology Corp 4559_08 Datasheet HTML 14Page - Renesas Technology Corp 4559_08 Datasheet HTML 15Page - Renesas Technology Corp 4559_08 Datasheet HTML 16Page - Renesas Technology Corp 4559_08 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Standard Characteristics
4559 Group
5-1. Input threshold value (VIH/VIL) characteristics P0, P1, P2, P3, D0~D5 pins
conditions: Ta=25°C
5-2. Input threshold value (VIH/VIL) characteristics RESET pin
conditions: Ta=25°C
Standard characteristics are just examples and are not guaranteed.
For each parameter's limits, refer to electrical characteristics of Datasheet.
These MCUs have the equal characteristics as the above expression.
M34559G6FP
M34559G6-XXXFP
0.0
1.0
2.0
3.0
4.0
5.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD [V]
VIH/VIL
0.0
1.0
2.0
3.0
4.0
5.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD [V]
VIH
VIL
REJ99B1339-0201
©2008. Renesas Technology Corp., All rights reserved.
February 2008
Page 13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com