Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R10 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R10
Description  Sample Program (Lux Meter)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R10 Datasheet(HTML) 2 Page - Renesas Technology Corp

  R10 Datasheet HTML 1Page - Renesas Technology Corp R10 Datasheet HTML 2Page - Renesas Technology Corp R10 Datasheet HTML 3Page - Renesas Technology Corp R10 Datasheet HTML 4Page - Renesas Technology Corp R10 Datasheet HTML 5Page - Renesas Technology Corp R10 Datasheet HTML 6Page - Renesas Technology Corp R10 Datasheet HTML 7Page - Renesas Technology Corp R10 Datasheet HTML 8Page - Renesas Technology Corp R10 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REJ05B0811_0110 Rev.1.10
2007.11
Page 2 of 16
M16C/26A Group
Sample Program (Lux Meter)
3.
Port Arrangement
4.
Operational Outline
Illuminance levels (
−4 to 4) are shown on liquid crystal display by using an illuminance sensor.
Determine the criterion for brightness in 5 seconds after the pressing the reset switch.
Then, when light is impinged on the illuminance sensor to increase brightness, the illuminance level displayed on LCD changes from 0 to 1,
2, 3 and 4.
Conversely, when brightness is reduced, the illuminance level displayed on LCD changes from 0 to 1, 2, 3 and 4.
• Timer A0 (timer mode, main 2 ms cycle)
This timer counts 2 milliseconds using the main clock of the microcomputer as the count source.
It is used as the basic timer of RSK_LIB.
Time management, LCD display management and AD input are performed using this timer.
• AD0 (single-shot mode, illuminance input measurement)
Analog voltages are converted to digital data using the main clock of the microcomputer as a conversion clock.
More specifically, the analog voltages output from the illuminance sensor are A/D converted.
L E
E L
V
L I G H T
0
10MHz
LCD
P100
Xin
P60
P61
P62
P63
P90
P91
LCD E
LCD RS
LCD D7
LCD D6
LCD D5
LCD D4
M30260F8AGP
Luxmeter
When light is impinged on illuminance
sensor, illuminance level increases.
L I G H T
L E V E L 4
Liquid crystal display
M16C26A
Illuminance sensor
5seconds elapsed
Reset switch
depressed
Liquid crystal display
M16C26A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com