Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3FS-1000P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # B3FS-1000P
Description  Sample Program (Remote Control Transmission/Reception)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

B3FS-1000P Datasheet(HTML) 2 Page - Renesas Technology Corp

  B3FS-1000P Datasheet HTML 1Page - Renesas Technology Corp B3FS-1000P Datasheet HTML 2Page - Renesas Technology Corp B3FS-1000P Datasheet HTML 3Page - Renesas Technology Corp B3FS-1000P Datasheet HTML 4Page - Renesas Technology Corp B3FS-1000P Datasheet HTML 5Page - Renesas Technology Corp B3FS-1000P Datasheet HTML 6Page - Renesas Technology Corp B3FS-1000P Datasheet HTML 7Page - Renesas Technology Corp B3FS-1000P Datasheet HTML 8Page - Renesas Technology Corp B3FS-1000P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
REJ05B0814-0110 Rev.1.10
2007.12
Page 2 of 18
M16C/26A Group
Sample Program (Remote Control Transmission/Reception)
3.
Port Arrangement
The key matrix, infrared-ray transmitter/receiver and the buzzer are the facilities mounted on an extension board for the Renesas Starter
Kit. To use these facilities, connect an extension board to the Starter Kit.
4.
Remote Control Specification
4.1 Remote Control Format
R C
-
V
-
-
I R -
T R A N S
-
10MHz
LCD
P74
Xin
P60
P61
P62
P63
P90
P91
LCD E
LCD R
LCD D7
LCD D6
LCD D5
LCD D4
M30260F8AGP
P75
P76
P77
keymatrix
P104
P105
P106
P107
P82/INT0
P80/TA4OUT
10ms
10ms
100ms
Data section
1ms
1ms
1ms
3ms
Data “0”
Data “1”
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
Leader section
Data section
Per-bit waveform
Remote control data
Inverted remote control data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com