Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW1A_V5 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW1A_V5
Description  SPST Non-Reflective AlGaAs PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW1A_V5 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW1A_V5 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_V5 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_V5 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_V5 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_V5 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_V5 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_V5 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPST Non-Reflective AlGaAs PIN Diode Switch
V5
MA4AGSW1A
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
2
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Electrical Specifications @ TAMB = 25°C
(On-wafer measurements)
Parameter
Ports
Bias Conditions
Frequency Typical
Insertion Loss
J1 - J2
Bias J1 — -1.35V/10mA
50Ghz
1.2dB
Bias B — -1.35V/0mA
Isolation
J1 - J2
Port J1 — +1.35V/10mA
50Ghz
30dB
Bias B — +1.35V/10mA
Input return Loss
J1- J2 (Terminated by 50Ω)
Port J1 — -1.35V/10mA
50Ghz
15dB
Bias B — -1.35V/0mA
Output Return Loss
(Insertion loss))
J2- J1 (Terminated by 50Ω)
Port J1 — -1.35V/10mA
50Ghz
18dB
Bias B — -1.35V/0mA
Output Return Loss
(Isolation)
J2
Port J1 — +1.35V/10mA
50Ghz
18dB
Bias B — +1.35V/10mA
Switching Speed
(10% - 90% RF Voltage)
J1 - J2
±5V PIN TTL Driver
10GHz
10nS
1MHz Repetition Frequency.
Notes:
1. Typical switching speed is measured from 10% to 90% of the detected RF voltage driven by a TTL
compatible driver. Driver output parallel RC network uses a capacitor between 390 pF - 560 pF and
a resistor between 150 - 220 Ohms to achieve 10 ns rise and fall times.
2. Bias nodes, J1 and B may be connected together



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com