Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SPS42X Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS42X
Description  SURMOUNTTM PIN Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS42X Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS42X Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SURMOUNTTM PIN Diodes
MA4SPS421, MA4SPS422
Rev. V7
MA4SPS42X Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ TA = +25°C
1. Total Capacitance, CT, is equivalent to the sum of Junction Capacitance and Parasitic Capacitance.
CT = CJ (Junction Capacitance) + CPAR (Parasitic Capacitance)
2. Series resistance RS is equivalent to the total diode resistance:
RS = RJ (Junction Capacitance Junction Resistance) + RO (Ohmic Resistance)
3
RS and CT are measured on an HP4291A Impedance Analyzer with die mounted in an ODS-186 package.
.
4.
Steady-state RØJL measured with die mounted in an ODS-186 package.
Parameter
Symbol
Conditions
Units
MA4SPS421
MA4SPS422
Typ.
Max.
Typ.
Max.
Capacitance
CT
0V, 1MHz 1
pF
0.130
0.175
0.340
0.500
Capacitance
CT
0V, 1GHz 1,3
pF
0.080
0.140
Capacitance
CT
- 40V, 1MHz 1
pF
0.090
0.125
0.180
0.300
Capacitance
CT
- 40V, 1GHz 1,3
pF
0.070
0.130
Resistance
RS
+10mA, 1GHz 2,3
Ω
6.200
3.100
Forward Voltage
VF
+10mA
V
0.900
0.950
0.840
0.900
Reverse Leakage
Current
IR
-200V
μA
|-10|
|-10|
Input Third Order
Intercept Point
IIP3
F1 = 1000MHz
dBm
50
50
F2 = 1010MHz
Input Power = +10dBm
I bias = +10mA
Minority Carrier
Lifetime
TL
+10mA / -6mA
µS
5
10
(50% - 90% V)
C.W. Thermal
Resistance
RØJL
IH = 0.5A, IL = 10mA
4
°C/W
80
70



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com