Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL100MN0MP Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL100MN0MP
Description  Surface Mount Type, Infrared Emitting Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL100MN0MP Datasheet(HTML) 2 Page - Sharp Corporation

  GL100MN0MP Datasheet HTML 1Page - Sharp Corporation GL100MN0MP Datasheet HTML 2Page - Sharp Corporation GL100MN0MP Datasheet HTML 3Page - Sharp Corporation GL100MN0MP Datasheet HTML 4Page - Sharp Corporation GL100MN0MP Datasheet HTML 5Page - Sharp Corporation GL100MN0MP Datasheet HTML 6Page - Sharp Corporation GL100MN0MP Datasheet HTML 7Page - Sharp Corporation GL100MN0MP Datasheet HTML 8Page - Sharp Corporation GL100MN0MP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Sheet No.: D1-A00601EN
2
GL100MN0MPx
■ External Dimensions
3.0
2.2
3.0
3.0
1.5
1.5
1.1
1.1
1.1
1.1
1.5
R0.8
(0.57)
(1.0)
(1.0)
(0.57)
NOTES:
1. Unit: mm
2. Unspecified tolerance :
±0.2 mm
3. ( ) : Reference dimensions
4.
Au-plated area
5. Do not allow circuit runs in
area
(Lens center)
Viewed from PCB
(Side view Mounting)
Viewed from PCB
(Top view Mounting)
1
1
1
2
2
2
Anode
Cathode
No.
Name
Pin Arrangement



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com