Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL100MN3MP1 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GL100MN3MP1
Description  Surface Mount Type, High Power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL100MN3MP1 Datasheet(HTML) 4 Page - Sharp Corporation

  GL100MN3MP1 Datasheet HTML 1Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 2Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 3Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 4Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 5Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 6Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 7Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 8Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Sheet No.: D1-A00801EN
4
GL100MN3MPx
Fig. 1 Foward Current vs.
Ambient Temperature
Fig. 2 Radiation Diagram
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
Ambient temperature Ta (°C)
85
-30
0
-10°
0°
+10°
+20°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
+30°
+40°
+50°
+60°
+70°
+80°
+90°
Angle
θ
100
80
60
40
20
Fig. 3 Peak Forward Current vs. Duty Ratio
10
100
1000
10000
Duty ratio
10-4
10-3
10-2
10-1
100
Pulse width
≤ 100 µs
Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com