Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC281 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC281
Description  Low-Cost IttyBitty??Thermal Sensor IttyBitty
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC281 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC281 Datasheet HTML 4Page - Micrel Semiconductor MIC281 Datasheet HTML 5Page - Micrel Semiconductor MIC281 Datasheet HTML 6Page - Micrel Semiconductor MIC281 Datasheet HTML 7Page - Micrel Semiconductor MIC281 Datasheet HTML 8Page - Micrel Semiconductor MIC281 Datasheet HTML 9Page - Micrel Semiconductor MIC281 Datasheet HTML 10Page - Micrel Semiconductor MIC281 Datasheet HTML 11Page - Micrel Semiconductor MIC281 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
November 2004
11
MIC281
MIC281
Micrel
Layout Considerations
The following guidelines should be kept in mind when design-
ing and laying out circuits using the MIC281:
1. Place the MIC281 as close to the remote diode
as possible, while taking care to avoid severe
noise sources such as high frequency power
transformers, CRTs, memory and data busses,
etc.
2. Since any conductance from the various volt-
ages on the PC board and the T1 line can in-
duce serious errors, it is good practice to guard
the remote diode’s emitter trace with a pair of
ground traces. These ground traces should be
returned to the MIC281’s own ground pin. They
should not be grounded at any other part of their
run. However, it is highly desirable to use these
guard traces to carry the diode’s own ground
return back to the ground pin of the MIC281,
thereby providing a Kelvin connection for the
base of the diode. See Figure 3.
3. When using the MIC281 to sense the tempera-
ture of a processor or other device which has an
integral thermal diode, e.g., Intel’s Pentium III,
connect the emitter and base of the remote sen-
sor to the MIC281 using the guard traces and
Kelvin return shown in Figure 3. The collector of
the remote diode is typically inaccessible to the
user on these devices.
REMOTE DIODE (T1)
GUARD/RETURN
1
2
VDD
GND
T1
6
5
4
3
NC
DATA
CLK
GUARD/RETURN
MIC281
Figure 3. Guard Traces/Kelvin Ground Returns
4. Due to the small currents involved in the mea-
surement of the remote diode’s ∆VBE, it is
important to adequately clean the PC board after
soldering to prevent current leakage. This is
most likely to show up as an issue in situations
where water-soluble soldering fluxes are used.
5. In general, wider traces for the ground and T1
lines will help reduce susceptibility to radiated
noise (wider traces are less inductive). Use trace
widths and spacing of 10mm wherever possible
and provide a ground plane under the MIC281
and under the connections from the MIC281 to
the remote diode. This will help guard against
stray noise pickup.
6. Always place a good quality power supply
bypass capacitor directly adjacent to, or un-
derneath, the MIC281. This should be a 0.1µF
ceramic capacitor. Surface mount parts provide
the best bypassing because of their low
inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com