Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC502 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC502
Description  Fan Management IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC502 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC502 Datasheet HTML 7Page - Micrel Semiconductor MIC502 Datasheet HTML 8Page - Micrel Semiconductor MIC502 Datasheet HTML 9Page - Micrel Semiconductor MIC502 Datasheet HTML 10Page - Micrel Semiconductor MIC502 Datasheet HTML 11Page - Micrel Semiconductor MIC502 Datasheet HTML 12Page - Micrel Semiconductor MIC502 Datasheet HTML 13Page - Micrel Semiconductor MIC502 Datasheet HTML 14Page - Micrel Semiconductor MIC502 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Micrel, Inc.
MIC502
November 2006
13
M9999-112206
incorporated into the design then the operating voltage
(VDD = 5V vs. VDD = 12V) becomes a concern. The FanC
signal is derived from a 12V supply and is specified to
swing at least to 10.5V. A minimum implementation of
the FanC signal would provide the capability of asserting
full-speed operation of the fan; this is the case when
10.5V ≤ FanC ≤ 12V. This FanC signal can be applied
directly to the VT2 input of the MIC502, but only when its
VDD is 12V. If this signal is required when the MIC502
VDD = 5V a resistor divider is necessary to reduce this
input voltage so it does not exceed the MIC502 VDD
voltage. A good number is 4V (80%VDD).
Because of input leakage considerations, the impedance
of the resistive divider should be kept at ≤ 100kΩ. A
series resistor of 120kΩ driven by the FanC signal and a
100kΩ shunt resistor to ground make a good divider for
driving the VT2 input.
Transistor and Base-Drive Resistor Selection
The OUT motor-drive output, pin 7, is intended for
driving a medium-power device, such as an NPN
transistor. A rather ubiquitous transistor, the 2N2222A, is
capable of switching up to about 400mA. It is also
available as the PN2222A in a plastic TO-92 package.
Since 400mA is about the maximum current for most
popular computer power supply fans (with many drawing
substantially less current) and since the MIC502
provides a minimum of 10mA output current, the
PN2222A, with its minimum β of 40, is the chosen motor-
drive transistor.
The design consists solely of choosing the value RBASE in
Figures 7 and 8. To minimize on-chip power dissipation
in the MIC502, the value of RBASE should be determined
by
the
power
supply
voltage.
The
Electrical
Characteristics table specifies a minimum output current
of 10mA. However, different output voltage drops (VDD –
VOUT) exist for 5V vs.12V operation. The value RBASE
should be as high as possible for a given required
transistor base-drive current in order to reduce on-chip
power dissipation.
Referring to the “Typical Application” and to the
“Electrical Characteristics” table, the value for RBASE is
calculated as follows. For VDD = 5V systems, IOH of OUT
(pin 7) is guaranteed to be a minimum of 10mA with a
VOH of 2.4V.
RBASE then equals (2.4V – VBE) ÷ 10mA = 170Ω.
For VDD = 12V systems, RBASE = (3.4 – 0.7) ÷ 0.01 =
250Ω.
Overtemperature Fault Output
The /OTF output, pin 6, is an open-collector NPN output.
It is compatible with CMOS and TTL logic and is
intended for alerting a system about an overtemperature
condition or triggering a power supply crowbar circuit. If
VDD for the MIC502 is 5V the output should not be pulled
to a higher voltage. This output can sink up to 2mA and
remain compatible with the TTL logic-low level.
Timing Capacitors vs. PWM Frequency
The recommended CF (see first page) is 0.1µF for
operation at a PWM frequency of 30Hz. This frequency
is factory trimmed within ±3Hz using a 0.1% accurate
capacitor. If it is desired to operate at a different
frequency, the new value for CF is calculated as follows:
f
3
C
=
, where C is in µF and f is in Hz
The composition, voltage rating, ESR, etc., parameters
of the capacitor are not critical. However, if tight control
of frequency vs. temperature is an issue, the
temperature coefficient may become a consideration.
VT1
CF
VS LP
GND
VDD
OUT
OTF
VT2
1
2
3
4
8
7
6
5
R1
100k
T1
R3
56k
R4
56k
CF
R2
33k
5V
RBASE
Overtemperature
Fault Output
MIC 5 0 2
NLX FanC
Signal Input
Yate Loon
YD80SM-12
or similar fan
Q1
0.1µF
180
100k
47k
Keystone Thermonics
RL2010-54.1K-138-D1
or similar
120k
12V
Figure 7. Typical 5V VDD Application Circuit
VT1
CF
VS LP
GND
VDD
OUT
OT F
VT2
1
2
3
4
8
7
6
5
R1
100k
T1
R3
56k
R4
56k
CF
R2
33k
12V
RBASE
Overtemperature
Fault Output
MIC502
NLX FanC
Signal Input
Yate Loon
YD80SM-12
or similar fan
Q1
0.1µF
280
5V
4.7k
47k
Keystone Thermonics
RL2010-54.1K-138-D1
or similar
Figure 8. Typical 12V VDD Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com