Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8309EC Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8309EC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8309EC Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8309EC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
68
Freescale Semiconductor
Clocking
Configuration chapter in the MPC8309 PowerQUICC II Pro Communications Processor Reference
Manual.
The qe_clk frequency is determined by the QUICC Engine PLL multiplication factor (RCWL[CEPMF])
and the QUICC Engine PLL division factor (RCWL[CEPDF]) as the following equation:
qe_clk = (QE_CLK_IN × CEPMF)
 (1 + CEPDF)
Eqn. 3
For more information, see the QUICC Engine PLL Multiplication Factor section and the “QUICC Engine
PLL Division Factor” section in the MPC8309 PowerQUICC II Pro Communications Processor
Reference Manual for more information.
The DDR SDRAM memory controller operates with a frequency equal to twice the frequency of csb_clk.
Note that ddr_clk is not the external memory bus frequency; ddr_clk passes through the DDR clock divider
(
2) to create the differential DDR memory bus clock outputs (MCK and MCK). However, the data rate
is the same frequency as ddr_clk.
The local bus memory controller operates with a frequency equal to the frequency of csb_clk. Note that
lbc_clk is not the external local bus frequency; lbc_clk passes through the LBC clock divider to create the
external local bus clock outputs (LCLK). The LBC clock divider ratio is controlled by LCCR[CLKDIV].
For more information, see the LBC Bus Clock and Clock Ratios section in the MPC8309 PowerQUICC
II Pro Communications Processor Reference Manual.
In addition, some of the internal units may be required to be shut off or operate at lower frequency than
the csb_clk frequency. These units have a default clock ratio that can be configured by a memory mapped
register after the device comes out of reset.
Table 56 specifies which units have a configurable clock frequency. For detailed description, refer to the
“System Clock Control Register (SCCR)” section in the MPC8309 PowerQUICC II Pro Communications
Processor Reference Manual.
NOTE
Setting the clock ratio of these units must be performed prior to any access
to them.
Table 57 provides the maximum operating frequencies for the MPC8309 MAPBGA under recommended
operating conditions (see Table 2).
Table 56. Configurable Clock Units
Unit
Default Frequency
Options
I2C,SDHC, USB, DMA Complex
csb_clk
Off, csb_clk, csb_clk/2, csb_clk/3
Table 57. Operating Frequencies for MAPBGA
Characteristic1
Max Operating Frequency
Unit
e300 core frequency (core_clk)417
MHz
Coherent system bus frequency (csb_clk)167
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com