Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4100 Datasheet(PDF) 12 Page - MIC GROUP RECTIFIERS

Part # MIC4100
Description  100V Half Bridge MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4100 Datasheet(HTML) 12 Page - MIC GROUP RECTIFIERS

Back Button MIC4100 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4100 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4100 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4100 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4100 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC4100 Datasheet HTML 13Page - MIC GROUP RECTIFIERS MIC4100 Datasheet HTML 14Page - MIC GROUP RECTIFIERS MIC4100 Datasheet HTML 15Page - MIC GROUP RECTIFIERS MIC4100 Datasheet HTML 16Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Micrel, Inc.
MIC4100/1
March 2006
12
M9999-031506
Application Information
Power Dissipation Considerations
Power dissipation in the driver can be separated into three
areas:
•
Internal diode dissipation in the bootstrap circuit
•
Internal driver dissipation
•
Quiescent current dissipation used to supply the
internal logic and control functions.
Bootstrap Circuit Power Dissipation
Power dissipation of the internal bootstrap diode primarily
comes from the average charging current of the CB
capacitor times the forward voltage drop of the diode.
Secondary sources of diode power dissipation are the
reverse leakage current and reverse recovery effects of
the diode.
The average current drawn by repeated charging of the
high-side MOSFET is calculated by:
frequency
switching
drive
gate
V
at
Charge
Gate
Total
Q
:
where
HB
gate
)
(
=
=
×
=
S
S
gate
AVE
F
f
f
Q
I
The average power dissipated by the forward voltage drop
of the diode equals:
drop
voltage
forward
Diode
V
:
where
F
)
(
=
×
=
F
AVE
F
fwd
V
I
Pdiode
The value of VF should be taken at the peak current
through the diode, however, this current is difficult to
calculate because of differences in source impedances.
The peak current can either be measured or the value of
VF at the average current can be used and will yield a good
approximation of diode power dissipation.
The reverse leakage current of the internal bootstrap diode
is typically 11uA at a reverse voltage of 100V and 125C.
Power dissipation due to reverse leakage is typically much
less than 1mW and can be ignored.
Reverse recovery time is the time required for the injected
minority carriers to be swept away from the depletion
region during turn-off of the diode. Power dissipation due
to reverse recovery can be calculated by computing the
average reverse current due to reverse recovery charge
times the reverse voltage across the diode. The average
reverse current and power dissipation due to reverse
recovery can be estimated by:
Time
Recovery
Reverse
t
Current
Recovery
Reverse
Peak
I
:
where
5
.
0
rr
RRM
)
(
)
(
=
=
×
=
×
×
×
=
REV
AVE
RR
RR
S
rr
RRM
AVE
RR
V
I
Pdiode
f
t
I
I
The total diode power dissipation is:
RR
fwd
total
Pdiode
Pdiode
Pdiode
+
=
An optional external bootstrap diode may be used instead
of the internal diode (Figure 6). An external diode may be
useful if high gate charge MOSFETs are being driven and
the power dissipation of the internal diode is contributing to
excessive die temperatures. The voltage drop of the
external diode must be less than the internal diode for this
option to work. The reverse voltage across the diode will
be equal to the input voltage minus the Vdd supply
voltage. A 100V Schottky diode will work for most 72Vinput
telecom applications. The above equations can be used to
calculate power dissipation in the external diode, however,
if the external diode has significant reverse leakage
current, the power dissipated in that diode due to reverse
leakage can be calculated as:
supply
power
the
of
frequency
switching
fs
/
t
Cycle
Duty
D
Voltage
Reverse
Diode
V
T
and
V
at
flow
current
Reverse
I
:
where
)
1
(
ON
REV
J
REV
R
=
=
=
=
=
−
×
×
=
S
REV
R
REV
f
D
V
I
Pdiode
The on-time is the time the high-side switch is conducting.
In most power supply topologies, the diode is reverse
biased during the switching cycle off-time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com