Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC4SD21YXPDF Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC4SD21YXPDF
Description  VDRM : 800V Zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC4SD21YXPDF Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC4SD21YXPDF Datasheet HTML 2Page - Sharp Corporation PC4SD21YXPDF Datasheet HTML 3Page - Sharp Corporation PC4SD21YXPDF Datasheet HTML 4Page - Sharp Corporation PC4SD21YXPDF Datasheet HTML 5Page - Sharp Corporation PC4SD21YXPDF Datasheet HTML 6Page - Sharp Corporation PC4SD21YXPDF Datasheet HTML 7Page - Sharp Corporation PC4SD21YXPDF Datasheet HTML 8Page - Sharp Corporation PC4SD21YXPDF Datasheet HTML 9Page - Sharp Corporation PC4SD21YXPDF Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
PC4SD21NTZDF
-
MAX.3
MAX.5
Sleeve
50pcs/sleeve
PC4SD21YTZDF
Approved
SMT Gullwing
PC4SD21NXZDF
-
PC4SD21YXZDF
Approved
Wide Through-Hole
PC4SD21NVZDF
-
PC4SD21YVZDF
PC4SD21NTZCF PC4SD21YTZCF PC4SD21NXZCF PC4SD21YXZCF PC4SD21NVZCF PC4SD21YVZCF
Approved
D
C
IFT[mA]
(VD
=4V,
RL
=100Ω)
Rank mark
6
Please contact a local SHARP sales representative to inquire about production status.
PC4SD21NTZ Series
Sheet No.: D2-A07901EN
■ Model Line-up (1) (Lead-free components)
■ Model Line-up (2) (Lead solder plating components)
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
PC4SD21NTZD
-
MAX.3
MAX.5
Sleeve
50pcs/sleeve
PC4SD21YTZD
Approved
SMT Gullwing
PC4SD21NXZD
-
PC4SD21YXZD
Approved
Wide Through-Hole
PC4SD21NVZD
-
PC4SD21YVZD
PC4SD21NTZC PC4SD21YTZC PC4SD21NXZC PC4SD21YXZC PC4SD21NVZC PC4SD21YVZC
Approved
D
C
IFT[mA]
(VD
=4V,
RL
=100Ω)
Rank mark
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Wide SMT Gullwing
PC4SD21NWZD
-
MAX.3
MAX.5
Taping
1 000pcs/reel
Sleeve
50pcs/sleeve
PC4SD21YWZD
Approved
SMT Gullwing
PC4SD21NXPD
-
PC4SD21YXPD
Approved
Wide SMT Gullwing
PC4SD21NWPD
-
PC4SD21YWPD
PC4SD21NWZC PC4SD21YWZC PC4SD21NXPC PC4SD21YXPC PC4SD21NWPC PC4SD21YWPC
Approved
D
C
IFT[mA]
(VD
=4V,
RL
=100Ω)
Rank mark
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Wide SMT Gullwing
PC4SD21NWZDF
-
MAX.3
MAX.5
Taping
1 000pcs/reel
Sleeve
50pcs/sleeve
PC4SD21YWZDF
Approved
SMT Gullwing
PC4SD21NXPDF
-
PC4SD21YXPDF
Approved
Wide SMT Gullwing
PC4SD21NWPDF
-
PC4SD21YWPDF
PC4SD21NWZCF PC4SD21YWZCF PC4SD21NXPCF PC4SD21YXPCF PC4SD21NWPCF PC4SD21YWPCF
Approved
D
C
IFT[mA]
(VD
=4V,
RL
=100Ω)
Rank mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com