Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC4SF11YVZ Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC4SF11YVZ
Description  VDRM : 800V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC4SF11YVZ Datasheet(HTML) 1 Page - Sharp Corporation

  PC4SF11YVZ Datasheet HTML 1Page - Sharp Corporation PC4SF11YVZ Datasheet HTML 2Page - Sharp Corporation PC4SF11YVZ Datasheet HTML 3Page - Sharp Corporation PC4SF11YVZ Datasheet HTML 4Page - Sharp Corporation PC4SF11YVZ Datasheet HTML 5Page - Sharp Corporation PC4SF11YVZ Datasheet HTML 6Page - Sharp Corporation PC4SF11YVZ Datasheet HTML 7Page - Sharp Corporation PC4SF11YVZ Datasheet HTML 8Page - Sharp Corporation PC4SF11YVZ Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PC4SF11YVZ
Series
■ Features
VDRM : 800V, Reinforced insulation type
Non-zero cross type
DIP 6pin
Phototriac Coupler for triggering
1. High repetitive peak off-state voltage (VDRM : 800V)
2. Non-zero crossing functionality
3. IFT ranks available (see Model Line-up section in this
datasheet)
4. 6 pin DIP package
5. Reinforced insulation type (MIN. 0.4mm internal
separation)
6. Lead-free components are also available (see Model
Line-up section in this datasheet)
7. Double transfer mold construction (Ideal for Flow
Soldering)
8. High isolation voltage between input and output
(Viso(rms) : 5.0kV)
∗Zero cross type is also available.
(PC4SF21YVZ Series)
■ Description
PC4SF11YVZ Series reinforced insulation type
Phototriac Coupler include an infrared emitting diode
(IRED) optically coupled to an output Phototriac.
These devices feature full wave control and are
ideal isolated drivers for medium to high current Triacs.
DIP package provides 5.0kV isolation from input to
output with superior commutative noise immunity.
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC4SF11YVZ Series
Sheet No.: D2-A08201EN
Date Mar. 31. 2004
© SHARP Corporation
■ Agency approvals/Compliance
1. Triggering for Triacs used to switch on and off
devices which require AC Loads.
For example heaters, fans, motors, solenoids, and
valves.
2. Triggering for Triacs used for implementing phase
control in applications such as lighting control and
temperature control (HVAC).
3. AC line control in power supply applications.
■ Applications
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. 4SF11)
2. Approved by CSA, file No. CA95323 (as model No.
4SF11)
3. Approved by BSI : BS-EN60065, file No. 6690/BS-
EN60950, file No. 7421, (as model No. 4SF11)
4. Approved by SEMKO, EN60065/EN60950, file No.
0033029 (as model No. 4SF11)
5. Approved by DEMKO, EN60065/EN60950, file No.
310107 (as model No. 4SF11)
6. Approved by FIMKO, EN60065/EN60950, file No.
15795 (as model No. 4SF11)
7. Approved by VDE (
∗)(DIN EN 60747-5-2), file No.
40008189 (as model No. 4SF11)
8. Package resin : UL flammability grade (94V-0)
(∗) DIN EN60747-5-2 : successor standard of DIN VDE0884
Up to Date code "RD" (December 2003), approval of DIN
VDE0884.
From Date code "S1" (January 2004), approval of DIN
EN60747-5-2.


Similar Part No. - PC4SF11YVZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC4SF11YVZA SHARP-PC4SF11YVZA Datasheet
296Kb / 15P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SF11YVZB SHARP-PC4SF11YVZB Datasheet
296Kb / 15P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results

Similar Description - PC4SF11YVZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SD11NTZ SHARP-PC3SD11NTZ Datasheet
334Kb / 16P
VDRM : 600V Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZ SHARP-PC3SD21NTZ_04 Datasheet
344Kb / 17P
VDRM : 600V Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YVZ SHARP-PC3SF11YVZ_04 Datasheet
295Kb / 15P
VDRM : 600V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF21YVZ SHARP-PC3SF21YVZ Datasheet
297Kb / 15P
VDRM : 600V, Reinforced insulation type Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
PC4SD11NTZ SHARP-PC4SD11NTZ Datasheet
327Kb / 16P
VDRM : 800V Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD21NTZ SHARP-PC4SD21NTZ Datasheet
330Kb / 16P
VDRM : 800V Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SF21YVZ SHARP-PC4SF21YVZ Datasheet
300Kb / 15P
VDRM : 800V, Reinforced insulation type Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YTZBF SHARP-PC3SF11YTZBF Datasheet
295Kb / 15P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YVZAF SHARP-PC3SF11YVZAF Datasheet
295Kb / 15P
600V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com