Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4425 Datasheet(PDF) 13 Page - MIC GROUP RECTIFIERS

Part # MIC4425
Description  Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4425 Datasheet(HTML) 13 Page - MIC GROUP RECTIFIERS

Back Button MIC4425 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC4425 Datasheet HTML 13Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
July 2005
13
MIC4423/4424/4425
MIC4423/4424/4425
Micrel, Inc.
MICREL INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
This information furnished by Micrel in this data sheet is believed to be accurate and reliable. However no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 1999 Micrel, Inc.
0.022 (0.559)
0.018 (0.457)
5
TYP
0.408 (10.363)
0.404 (10.262)
0.409 (10.389)
0.405 (10.287)
0.103 (2.616)
0.099 (2.515)
SEATING
PLANE
0.027 (0.686)
0.031 (0.787)
0.016 (0.046)
TYP
0.301 (7.645)
0.297 (7.544)
0.094 (2.388)
0.090 (2.286)
0.297 (7.544)
0.293 (7.442)
10 TYP
0.032 (0.813) TYP
0.330 (8.382)
0.326 (8.280)
7
TYP
0.050 (1.270)
TYP
0.015
(0.381) R
0.015
(0.381)
MIN
PIN 1
DIMENSIONS:
INCHES (MM)
16-Pin Wide SOIC (WM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com