Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R213P_V1 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R213P_V1
Description  3.6x6.3x6.8mm 1.0" Lead Rectangular
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R213P_V1 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-R213P_V1 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R213P_V1 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-R213P_V1 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-R213P_V1 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-R213P_V1 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

 


 



    

  

 
  
 
 !""#$%
 












  



 


    
   
  !""  
#  !$%""& !!"
'()*



      




       




  ! "










 




 




 




 




 




 




 




 




 




 
 
 #


SINCE 1981


Similar Part No. - BL-R213P_V1

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R213P YSTONE-BL-R213P Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-R213P BRIGHT-BL-R213P Datasheet
145Kb / 2P
GaP/GaP Green Most suitable for use like level indicator.
More results

Similar Description - BL-R213P_V1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL5020 SANKEN-SEL5020_08 Datasheet
431Kb / 2P
5mm Pitch Lead Rectangular LEDs
logo
BRIGHT LED ELECTRONICS ...
BL-B5132_V1 BRIGHT-BL-B5132_V1 Datasheet
279Kb / 5P
4 ??Standard 1.0"Lead
BL-C4436 BRIGHT-BL-C4436_2 Datasheet
286Kb / 5P
Cylindrical 1.0" Lead 5?
BL-R313P_V1 BRIGHT-BL-R313P_V1 Datasheet
282Kb / 5P
3.6x6.3x6.8mm 1.0" Lead Rectangular
BL-R413P_V1 BRIGHT-BL-R413P_V1 Datasheet
283Kb / 5P
3.6x6.3x6.8mm 1.0
BL-R2130N_V1 BRIGHT-BL-R2130N_V1 Datasheet
275Kb / 5P
5.0x5.0x7.1mm 1.0"Lead flangeless Rectangular LED LAMP
BL-R3130N_V1 BRIGHT-BL-R3130N_V1 Datasheet
283Kb / 5P
5.0x5.0x7.1mm 1.0"Lead flangeless Rectangular LED LAMP
BL-R4530N_V1 BRIGHT-BL-R4530N_V1 Datasheet
235Kb / 5P
5.0x5.0x7.1mm 1.0"Lead flangeless Rectangular
BL-R5135 BRIGHT-BL-R5135 Datasheet
282Kb / 5P
1.0x5.0x8.6mm 1.0"Lead Rectangular
BL-S3149A_V1 BRIGHT-BL-S3149A_V1 Datasheet
283Kb / 5P
1.0"Lead Tower 2.0 ?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com