Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R313P Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R313P
Description  3.6x6.3x6.8mm 1.0" Lead Rectangular
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R313P Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-R313P Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R313P Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-R313P Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-R313P Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-R313P Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
    
  
q
  
q
 !""#$ 





           $%&'  (
q
%% $%)%%**+,(-.            * 
/01
%23450
0
4#410
+%(%.
6+.
0
44
$7
89
/
$+.
3

%11

+.
$
+8.
6
+%.
$7
6+%. :1 5
9:1
+.
0;0
%
(<(
+.
4;
- -
4;0663
-


-
(
(
=
(
70;003/66#503;/0//043030:03/6/50043030:
q
%"*!%>! % &*+,(-.
934??????????????????????????????????????-
93+#,-.?????????????????????????????????@%
101  ??????????????????????????? #A  
*4 1  ???????????????????????????? #A  -
*401??????????????????????????(-*43
q
$%B%& * *















*'%030430003+0/3.
 (403 (-+.334/;0331060
 310033;//364/17
 A*106004332C4/;0/440



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com