Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R413P Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R413P
Description  3.6x6.3x6.8mm 1.0
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R413P Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-R413P Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R413P Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-R413P Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-R413P Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-R413P Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

 


 



    

  

 
  
    !"#$%&
 '( () * 
 












  



 
 



    
   
  !""  
#  !$%""& !!"
'()*

+

 ,  * 






,,-      




".!.% %/










 




 




 




 




 




 




 




 




 




 
 
 0


SINCE 1981


Similar Part No. - BL-R413P

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R413P YSTONE-BL-R413P Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-R413P BRIGHT-BL-R413P Datasheet
138Kb / 2P
GaAsP /GaP Hi-Eff Red Most suitable for use like level indicator.
More results

Similar Description - BL-R413P

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1A1 JGD-1A1 Datasheet
140Kb / 2P
1.0 AMP.SILICON RECTIFIERS
logo
First Components Intern...
GF1A FCI-GF1A Datasheet
165Kb / 2P
1.0 Amp MEGARECTIFIERS
logo
BRIGHT LED ELECTRONICS ...
BL-R213P_V1 BRIGHT-BL-R213P_V1 Datasheet
282Kb / 5P
3.6x6.3x6.8mm 1.0" Lead Rectangular
BL-R313P_V1 BRIGHT-BL-R313P_V1 Datasheet
282Kb / 5P
3.6x6.3x6.8mm 1.0" Lead Rectangular
logo
AAEON Technology
FSB-B75G-A10-G2 AAEON-FSB-B75G-A10-G2 Datasheet
295Kb / 2P
PICMG 1.0
logo
AVX Corporation
14-5015-064-002-861 AVX-14-5015-064-002-861 Datasheet
225Kb / 3P
1.0 mmPitch
145077050115861 AVX-145077050115861 Datasheet
244Kb / 5P
1.0 mmPitch
logo
Adam Technologies, Inc.
ADP-100-350-950 ADAM-TECH-ADP-100-350-950 Datasheet
64Kb / 1P
1.0 DC PLUG
logo
Nanjing International G...
GS1010 DGNJDZ-GS1010 Datasheet
280Kb / 3P
1.0 AmpereSilion Rectifier
SM4001PL DGNJDZ-SM4001PL Datasheet
248Kb / 3P
1.0 AmpereSilion Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com