Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R513P_V2 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R513P_V2
Description  GaP /GaP Bright Red Red Diffused Low power consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R513P_V2 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-R513P_V2 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R513P_V2 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R5
51
13
3P
P
Ver.2.0 Page: 1 of 2
SINCE 1981
1.5(.059)
MAX.
25.4(1.00) MIN.
2.54(.100)
NOM.
1.0(.039) MIN.
3.7(.146)
6.3(.248)
2.0(.079)
6.8(.268)
6.3(.248)
0.5(.020)
SQ.TYP.
3.7(.146)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
● Package dimensions
1. Chip material: GaP /GaP
2. Emitted color :Bright Red
3. Lens Appearance : Red Diffused
4. Low power consumption.
5. Most suitable for use like level indicator.
6. Excellent uniformity of light emittance.
7. Long life solid state reliability.
8. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
40
mW
Forward Current
IF
15
mA
Peak Forward Current*1
IFP
50
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40℃~80℃
Storage Temperature
Tstg
-40℃~85℃
Soldering Temperature
Tsol
260℃(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.
2.1


Similar Part No. - BL-R513P_V2

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R513P YSTONE-BL-R513P Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-R513P BRIGHT-BL-R513P Datasheet
272Kb / 5P
LED LAMPS SPECIFICATION
More results

Similar Description - BL-R513P_V2

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-R5131 BRIGHT-BL-R5131 Datasheet
140Kb / 2P
GaP/GaP Bright Red Low power consumption.
BL-R5135A BRIGHT-BL-R5135A Datasheet
141Kb / 2P
GaP/GaP Bright Red Low power consumption.
BL-R5138C BRIGHT-BL-R5138C Datasheet
131Kb / 2P
GaP/GaP Bright Red Low power consumption.
BL-R5139-T BRIGHT-BL-R5139-T Datasheet
129Kb / 2P
GaP /GaP Bright Red Low power consumption.
BL-R5141H BRIGHT-BL-R5141H Datasheet
129Kb / 2P
GaP/GaP Bright Red Low power consumption.
BL-R5421G BRIGHT-BL-R5421G Datasheet
160Kb / 2P
GaP /GaP Bright Red Low power consumption.
BL-S51L8 BRIGHT-BL-S51L8 Datasheet
133Kb / 2P
GaP/GaP Bright Red Low power consumption.
BL-S5136 BRIGHT-BL-S5136 Datasheet
133Kb / 2P
GaP/GaP Bright Red Low power consumption.
BL-S5137 BRIGHT-BL-S5137 Datasheet
129Kb / 2P
GaP/GaP Bright Red Low power consumption.
BL-S5149A BRIGHT-BL-S5149A Datasheet
139Kb / 2P
GaP/GaP bright red Low power consumption.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com