Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7028 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7028
Description  13關A/ch, Rail-to-Rail Output Quad CMOS Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7028 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7028 Datasheet HTML 2Page - New Japan Radio NJU7028 Datasheet HTML 3Page - New Japan Radio NJU7028 Datasheet HTML 4Page - New Japan Radio NJU7028 Datasheet HTML 5Page - New Japan Radio NJU7028 Datasheet HTML 6Page - New Japan Radio NJU7028 Datasheet HTML 7Page - New Japan Radio NJU7028 Datasheet HTML 8Page - New Japan Radio NJU7028 Datasheet HTML 9Page - New Japan Radio NJU7028 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJU7028
- 7 -
Ver.2011-04-06
■
TYPICAL CHARACTERISTICS
Supply Current vs. Supply Voltage (Temperature)
GV=0dB
0
10
20
30
40
50
60
0
123456
7
Supply Voltage [V]
Ta=-40ºC
Ta=-50ºC
Ta=125ºC
Ta=85ºC
Ta=25ºC
Supply Current vs. Temperature (Supply Voltage)
GV=0dB
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
VDD=3.0V
VDD=5.5V
VDD=5.0V
VDD=1.8V
Input Offset Voltage vs. Temperature (Supply Voltage)
VICM=VDD/2
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
VDD=3V
VDD=5V
VDD=1.8V
Input Offset Voltage vs.
Common Mode Input Voltage
(Temperature)
VDD=3V
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
Common Mode Input Voltage [V]
Ta=-40ºC
Ta=25ºC
Ta=85ºC
Input Offset Voltage Distribution
VDD=5V, VICM=0V, Ta=25ºC, n=240
0
10
20
30
40
50
60
70
80
90
100
110
120
-4.5 -3.5 -2.5 -1.5 -0.5 0.5 1.5 2.5 3.5 4.5
Input Offset Voltage [mV]
Input Offset Voltage Drift Distribution
VDD=5V, VICM=0V, Ta=-40 to 85ºC, n=240
0
10
20
30
40
50
60
70
80
90
100
110
120
-9.0 -7.0 -5.0 -3.0 -1.0 1.0 3.0 5.0 7.0 9.0
Input Offset Voltage Drift [µV/ºC]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com