Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70592C Datasheet(PDF) 222 Page - Microchip Technology

Part # 70592C
Description  High-Performance, 16-bit Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70592C Datasheet(HTML) 222 Page - Microchip Technology

Back Button 70592C Datasheet HTML 218Page - Microchip Technology 70592C Datasheet HTML 219Page - Microchip Technology 70592C Datasheet HTML 220Page - Microchip Technology 70592C Datasheet HTML 221Page - Microchip Technology 70592C Datasheet HTML 222Page - Microchip Technology 70592C Datasheet HTML 223Page - Microchip Technology 70592C Datasheet HTML 224Page - Microchip Technology 70592C Datasheet HTML 225Page - Microchip Technology 70592C Datasheet HTML 226Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 314 page
background image
PIC24HJXXXGPX06A/X08A/X10A
DS70592C-page 222
© 2011 Microchip Technology Inc.
TABLE 21-2:
PIC24HJXXXGPX06A/X08A/X10A CONFIGURATION BITS DESCRIPTION
Bit Field
Register
RTSP
Effect
Description
BWRP
FBS
Immediate Boot Segment Program Flash Write Protection
1 = Boot segment may be written
0 = Boot segment is write-protected
BSS<2:0>
FBS
Immediate Boot Segment Program Flash Code Protection Size
X11 = No Boot program Flash segment
Boot space is 1K IW less VS
110 = Standard security; boot program Flash segment starts at End of
VS, ends at 0x0007FE
010 = High security; boot program Flash segment starts at End of VS,
ends at 0x0007FE
Boot space is 4K IW less VS
101 = Standard security; boot program Flash segment starts at End of
VS, ends at 0x001FFE
001 = High security; boot program Flash segment starts at End of VS,
ends at 0x001FFE
Boot space is 8K IW less VS
100 = Standard security; boot program Flash segment starts at End of
VS, ends at 0x003FFE
000 = High security; boot program Flash segment starts at End of VS,
ends at 0x003FFE
RBS<1:0>
FBS
Immediate Boot Segment RAM Code Protection
11 = No Boot RAM defined
10 = Boot RAM is 128 Bytes
01 = Boot RAM is 256 Bytes
00 = Boot RAM is 1024 Bytes
SWRP
FSS
Immediate Secure Segment Program Flash Write Protection
1 = Secure segment may be written
0 = Secure segment is write-protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com