Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70592C Datasheet(PDF) 37 Page - Microchip Technology

Part # 70592C
Description  High-Performance, 16-bit Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70592C Datasheet(HTML) 37 Page - Microchip Technology

Back Button 70592C Datasheet HTML 33Page - Microchip Technology 70592C Datasheet HTML 34Page - Microchip Technology 70592C Datasheet HTML 35Page - Microchip Technology 70592C Datasheet HTML 36Page - Microchip Technology 70592C Datasheet HTML 37Page - Microchip Technology 70592C Datasheet HTML 38Page - Microchip Technology 70592C Datasheet HTML 39Page - Microchip Technology 70592C Datasheet HTML 40Page - Microchip Technology 70592C Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 314 page
background image
© 2011 Microchip Technology Inc.
DS70592C-page 37
PIC24HJXXXGPX06A/X08A/X10A
FIGURE 4-4:
DATA MEMORY MAP FOR PIC24HJXXXGPX06A/X08A/X10A DEVICES WITH 16 KB RAM
4.2.5
DMA RAM
Every
PIC24HJXXXGPX06A/X08A/X10A
device
contains 2 Kbytes of dual ported DMA RAM located at
the end of data space. Memory locations in the DMA
RAM space are accessible simultaneously by the CPU
and the DMA controller module. DMA RAM is utilized by
the DMA controller to store data to be transferred to
various peripherals using DMA, as well as data
transferred from various peripherals using DMA. The
DMA RAM can be accessed by the DMA controller
without having to steal cycles from the CPU.
When the CPU and the DMA controller attempt to
concurrently write to the same DMA RAM location, the
hardware ensures that the CPU is given precedence in
accessing the DMA RAM location. Therefore, the DMA
RAM provides a reliable means of transferring DMA
data without ever having to stall the CPU.
0x0000
0x07FE
0xFFFE
LSB
Address
16 bits
LSB
MSB
MSB
Address
0x0001
0x07FF
0xFFFF
Optionally
Mapped
into Program
Memory
0x47FF
0x47FE
0x0801
0x0800
Near
Data
2 Kbyte
SFR Space
16 Kbyte
SRAM Space
8 Kbyte
Space
0x8001
0x8000
0x4800
0x4801
0x3FFE
0x4000
0x3FFF
0x4001
0x1FFE
0x1FFF
SFR Space
X Data
Unimplemented (X)
DMA RAM
X Data RAM (X)
Note:
DMA RAM can be used for general
purpose data storage if the DMA function
is not required in an application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com