Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70592C Datasheet(PDF) 228 Page - Microchip Technology

Part # 70592C
Description  High-Performance, 16-bit Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70592C Datasheet(HTML) 228 Page - Microchip Technology

Back Button 70592C Datasheet HTML 224Page - Microchip Technology 70592C Datasheet HTML 225Page - Microchip Technology 70592C Datasheet HTML 226Page - Microchip Technology 70592C Datasheet HTML 227Page - Microchip Technology 70592C Datasheet HTML 228Page - Microchip Technology 70592C Datasheet HTML 229Page - Microchip Technology 70592C Datasheet HTML 230Page - Microchip Technology 70592C Datasheet HTML 231Page - Microchip Technology 70592C Datasheet HTML 232Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 314 page
background image
PIC24HJXXXGPX06A/X08A/X10A
DS70592C-page 228
© 2011 Microchip Technology Inc.
21.5
JTAG Interface
PIC24HJXXXGPX06A/X08A/X10A devices implement
a JTAG interface, which supports boundary scan
device testing, as well as in-circuit programming.
Detailed information on the interface will be provided in
future revisions of the document.
21.6
Code Protection and
CodeGuard™ Security
The PIC24H product families offer advanced imple-
mentation of CodeGuard™ Security. CodeGuard
Security enables multiple parties to securely share
resources (memory, interrupts and peripherals) on a
single chip. This feature helps protect individual
Intellectual Property in collaborative system designs.
When coupled with software encryption libraries,
CodeGuard Security can be used to securely update
Flash even when multiple IP are resident on the single
chip. The code protection features vary depending on
the actual PIC24H implemented. The following
sections provide an overview these features.
The code protection features are controlled by the
Configuration registers: FBS, FSS and FGS.
21.7
In-Circuit Serial Programming
Programming Capability
PIC24HJXXXGPX06A/X08A/X10A family digital signal
controllers can be serially programmed while in the end
application circuit. This is simply done with two lines for
clock and data and three other lines for power, ground
and the programming sequence. This allows custom-
ers to manufacture boards with unprogrammed
devices and then program the digital signal controller
just before shipping the product. This also allows the
most recent firmware or a custom firmware, to be pro-
grammed. Please refer to the “dsPIC33F/PIC24H
Flash
Programming
Specification”
(DS70152)
document for details about ICSP programming
capability.
Any one out of three pairs of programming clock/data
pins may be used:
• PGEC1 and PGED1
• PGEC2 and PGED2
• PGEC3 and PGED3
21.8
In-Circuit Debugger
When MPLAB® ICD 2 is selected as a debugger, the
in-circuit debugging functionality is enabled. This func-
tion allows simple debugging functions when used with
MPLAB IDE. Debugging functionality is controlled
through the PGECx (Emulation/Debug Clock) and
PGEDx (Emulation/Debug Data) pin functions.
Any one out of three pairs of debugging clock/data pins
may be used:
• PGEC1 and PGED1
• PGEC2 and PGED2
• PGEC3 and PGED3
To use the in-circuit debugger function of the device,
the design must implement ICSP programming capa-
bility connections to MCLR, VDD, VSS and the PGEDx/
PGECx pin pair. In addition, when the feature is
enabled, some of the resources are not available for
general use. These resources include the first 80 bytes
of data RAM and two I/O pins.
Note:
For further information, refer to the
dsPIC33F/PIC24H
Family
Reference
Manual“, Section 24. “Programming
and Diagnostics” (DS70246), which is
available from the Microchip website
(www.microchip.com).
Note:
For further information, refer to the
“dsPIC33F/PIC24H
Family
Reference
Manual”, Section 23. “CodeGuard™
Security” (DS70239), which is available
from
the
Microchip
website
(www.microchip.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com