Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70592C Datasheet(PDF) 127 Page - Microchip Technology

Part # 70592C
Description  High-Performance, 16-bit Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70592C Datasheet(HTML) 127 Page - Microchip Technology

Back Button 70592C Datasheet HTML 123Page - Microchip Technology 70592C Datasheet HTML 124Page - Microchip Technology 70592C Datasheet HTML 125Page - Microchip Technology 70592C Datasheet HTML 126Page - Microchip Technology 70592C Datasheet HTML 127Page - Microchip Technology 70592C Datasheet HTML 128Page - Microchip Technology 70592C Datasheet HTML 129Page - Microchip Technology 70592C Datasheet HTML 130Page - Microchip Technology 70592C Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 314 page
background image
© 2011 Microchip Technology Inc.
DS70592C-page 127
PIC24HJXXXGPX06A/X08A/X10A
9.0
OSCILLATOR
CONFIGURATION
The
PIC24HJXXXGPX06A/X08A/X10A
oscillator
system provides:
• Various external and internal oscillator options as
clock sources
• An on-chip PLL to scale the internal operating
frequency to the required system clock frequency
• The internal FRC oscillator can also be used with
the PLL, thereby allowing full-speed operation
without any external clock generation hardware
• Clock switching between various clock sources
• Programmable clock postscaler for system power
savings
• A Fail-Safe Clock Monitor (FSCM) that detects
clock failure and takes fail-safe measures
• An Oscillator Control register (OSCCON)
• Nonvolatile Configuration bits for main oscillator
selection.
A simplified diagram of the oscillator system is shown
in Figure 9-1.
FIGURE 9-1:
PIC24HJXXXGPX06A/X08A/X10A OSCILLATOR SYSTEM DIAGRAM
Note 1: This data sheet summarizes the features
of the PIC24HJXXXGPX06A/X08A/X10A
family of devices. However, it is not
intended
to
be
a
comprehensive
reference source. To complement the
information in this data sheet, refer to
Section 7. “Oscillator” (DS70227) of
the “dsPIC33F/dsPIC33F/PIC24H Family
Reference Manual”, which is available
from
the
Microchip
website
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Secondary Oscillator
LPOSCEN
SOSCO
SOSCI
Timer 1
XTPLL, HSPLL,
XT, HS, EC
FRCDIV<2:0>
WDT, PWRT,
FSCM
FRCDIVN
SOSC
FRCDIV16
ECPLL, FRCPLL
NOSC<2:0> FNOSC<2:0>
Reset
FRC
Oscillator
LPRC
Oscillator
DOZE<2:0>
S3
S1
S2
S1/S3
S7
S6
FRC
LPRC
S0
S5
S4
÷16
Clock Switch
S7
Clock Fail
÷ 2
TUN<5:0>
PLL(1)
FCY
FOSC
Note 1: See Figure 9-2 for PLL details.
2: If the Oscillator is used with XT or HS modes, an extended parallel resistor with the value of 1 M
Ω must be connected.
3: The term, FP refers to the clock source for all the peripherals, while FCY refers to the clock source for the CPU. Through-
out this document FP and FCY are used interchangeably, except in the case of Doze mode. FP and FCY will be different
when Doze mode is used in any ratio other than 1:1, which is the default.
OSC2
OSC1
Primary Oscillator
R(2)
POSCMD<1:0>
FP(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com