Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC10-R22M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AC10-R22M-RC
Description  Axial Coated Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AC10-R22M-RC Datasheet(HTML) 1 Page - Allied Components International

  AC10-R22M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Coated Inductors
AC10
NOMINAL
24AWG
Features
• Axial leaded type, small light weight
design.
• Special magnetic core structure
contributes to high Q and self resonant
frequencies.
• Treated with epoxy resin coating for
humidity resistance to ensure longer
life.
• Heat resistant adhesives and special
structural design for effective open
circuit measurement.
Electrical
Inductance Range: .027µh to 1000µh.
Tolerance: .027µh to 2.7µh at 20%,
and from 3.3µh to 1000µh at 10%. All
values available in tighter tolerances.
Temp. Rise: 20°C.
Ambient Temp.: 80°C.
Rated Temp Range: -20 to 100°C.
Dielectric Withstanding Voltage: 250
Volts R.M.S.
Rated Current: Based on temp rise.
Mechanical
Terminal Tensile Strength: 1.0 kg min.
Terminal Bending Strength: .3 kg min.
Physical
Marking (on reel): Manufacturers
name, Part number, Quantity,
Marking:
3 band color code.
Packaging: 5000 pieces per Ammo
All specifications subject to change without notice.
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
250
230
210
190
175
160
150
150
150
150
120
120
120
100
80
66
60
54
36
32
30
28
27
26
24
22
19
18
17
15
14
12
11
10
9.5
9.0
7.0
6.5
5.5
5.2
4.7
3.5
3.0
2.7
2.6
2.5
2.2
2.1
2.0
AC10-R10M-RC
AC10-R12M-RC
AC10-R15M-RC
AC10-R18M-RC
AC10-R22M-RC
AC10-R27M-RC
AC10-R33M-RC
AC10-R39M-RC
AC10-R47M-RC
AC10-R56M-RC
AC10-R68M-RC
AC10-R82M-RC
AC10-1R0M-RC
AC10-1R2M-RC
AC10-1R5M-RC
AC10-1R8M-RC
AC10-2R2M-RC
AC10-2R7M-RC
AC10-3R3K-RC
AC10-3R9K-RC
AC10-4R7K-RC
AC10-5R6K-RC
AC10-6R8K-RC
AC10-8R2K-RC
AC10-100K-RC
AC10-120K-RC
AC10-150K-RC
AC10-180K-RC
AC10-220K-RC
AC10-270K-RC
AC10-330K-RC
AC10-390K-RC
AC10-470K-RC
AC10-560K-RC
AC10-680K-RC
AC10-820K-RC
AC10-101K-RC
AC10-121K-RC
AC10-151K-RC
AC10-181K-RC
AC10-221K-RC
AC10-271K-RC
AC10-331K-RC
AC10-391K-RC
AC10-471K-RC
AC10-561K-RC
AC10-681K-RC
AC10-821K-RC
AC10-102K-RC
.10
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
40
40
40
40
40
40
40
50
50
50
50
40
40
30
30
30
30
30
40
40
40
40
40
40
40
40
40
50
50
50
50
50
50
50
50
50
50
50
30
30
30
30
30
30
30
30
30
30
30
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.27
0.30
0.34
0.38
0.43
0.46
0.52
0.57
0.60
0.65
0.73
0.82
0.90
1.00
1.10
1.20
1.30
1.40
1.50
2.30
2.40
2.90
3.00
4.80
5.30
5.80
7.40
8.25
9.50
14.50
16.00
18.50
20.00
22.00
29.00
30.00
32.00
35.00
40.00
42.00
46.00
52.00
700
600
550
500
450
700
650
600
540
475
425
400
300
175
160
160
145
145
145
100
95
90
80
75
70
65
100
100
80
80
50
45
60
47
42
36
24
35
30
28
25
28
26
25
24
23
22
21
20
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Rated
Current
(mA)
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Dimensions:
Inches
(mm)
0.110
(2.79)
MAX.
0.177
(4.50)
MAX.
1.15
(29)
NOMINAL
1.15
(29)
For Tape and Reel packaging please
add ”-TR” to the part number.
Pack.
REVISED 10/13/10


Similar Part No. - AC10-R22M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC10-R22M-RC ALLIED-AC10-R22M-RC Datasheet
876Kb / 1P
Axial leaded type, small light weight design
AC10-R22M-RC ALLIED-AC10-R22M-RC Datasheet
915Kb / 1P
Axial Coated Inductors
More results

Similar Description - AC10-R22M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC20-R027M-RC ALLIED-AC20-R027M-RC Datasheet
932Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC Datasheet
824Kb / 1P
Axial Coated Inductors
AC20-R027M-RC ALLIED-AC20-R027M-RC_10 Datasheet
937Kb / 1P
Axial Coated Inductors
AC30-R10K-RC ALLIED-AC30-R10K-RC_10 Datasheet
1,003Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC_10 Datasheet
898Kb / 1P
Axial Coated Inductors
AC80-1R0K-RC ALLIED-AC80-1R0K-RC Datasheet
1Mb / 1P
Axial Coated Inductors
AC20 ALLIED-AC20 Datasheet
969Kb / 1P
Axial Coated Inductors
AC30 ALLIED-AC30 Datasheet
967Kb / 1P
Axial Coated Inductors
AC40 ALLIED-AC40 Datasheet
864Kb / 1P
Axial Coated Inductors
AC35 ALLIED-AC35 Datasheet
1Mb / 2P
Axial Coated Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com