Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC20-R33K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AC20-R33K-RC
Description  Axial Coated Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AC20-R33K-RC Datasheet(HTML) 1 Page - Allied Components International

  AC20-R33K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC20 Axial Coated Inductors
Features
• Incorporation of a special lead wire
structure entirely eliminates defects
inherent in existing axial lead type
products and prevents lead breakage.
• The special magnetic core structure
permits the product to have reduced
size, high "Q" and self resonant
frequencies.
• Treated with epoxy resin coating for
humidity resistance to ensure longer
life.
• Heat resistant adhesives and special
structural design for effective open
circuit measurement.
Electrical
Inductance Range: .027µh to 1000µh.
Tolerance: 10% over entire range.
Tighter tolerances available
Temp. Rise: 20°C.
Ambient Temp.: 80°C.
Rated Temp Range: -20 to 100°C.
Dielectric Withstanding Voltage: 250
Volts R.M.S.
Rated Current: Based on temp rise.
Mechanical
Terminal Tensile Strength: 1.0 kg min.
Terminal Bending Strength: .3 kg min.
Physical
Marking (on reel): Manufacturers
name, Part number, Quantity,
Marking:
4 band color code.
Packaging: 5000 pieces per Ammo
AC20-R027M-RC
AC20-R033M-RC
AC20-R039M-RC
AC20-R047M-RC
AC20-R056M-RC
AC20-R068M-RC
AC20-R082M-RC
AC20-R10K-RC
AC20-R12K-RC
AC20-R15K-RC
AC20-R18K-RC
AC20-R22K-RC
AC20-R27K-RC
AC20-R33K-RC
AC20-R39K-RC
AC20-R47K-RC
AC20-R56K-RC
AC20-R68K-RC
AC20-R82K-RC
AC20-1R0K-RC
AC20-1R2K-RC
AC20-1R5K-RC
AC20-1R8K-RC
AC20-2R2K-RC
AC20-2R7K-RC
AC20-3R3K-RC
AC20-3R9K-RC
AC20-4R7K-RC
AC20-5R6K-RC
AC20-6R8K-RC
AC20-8R2K-RC
AC20-100K-RC
AC20-120K-RC
AC20-150K-RC
AC20-180K-RC
AC20-220K-RC
AC20-270K-RC
AC20-330K-RC
AC20-390K-RC
AC20-470K-RC
AC20-560K-RC
AC20-680K-RC
AC20-820K-RC
AC20-101K-RC
AC20-121K-RC
AC20-151K-RC
AC20-181K-RC
AC20-221K-RC
AC20-271K-RC
AC20-331K-RC
AC20-391K-RC
AC20-471K-RC
AC20-561K-RC
AC20-681K-RC
AC20-821K-RC
AC20-102K-RC
0.027
0.033
0.039
0.047
0.056
0.068
0.082
.10
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
45
50
50
50
50
45
45
45
40
40
40
45
45
50
50
50
50
50
60
60
60
60
60
60
60
60
60
60
60
60
60
60
60
60
60
50.0
50.0
50.0
50.0
50.0
50.0
50.0
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
0.02
0.02
0.02
0.03
0.045
0.05
0.05
0.08
0.08
0.09
0.10
0.12
0.15
0.16
0.18
0.26
0.38
0.42
0.55
0.12
0.18
0.20
0.23
0.25
0.28
0.30
0.32
0.35
0.40
0.45
0.55
0.72
0.80
0.88
1.00
1.20
1.35
1.50
1.70
2.30
2.60
3.20
3.50
3.80
3.80
4.40
5.00
5.70
6.50
9.50
10.5
12.5
14.5
18.0
23.7
30
520
500
500
500
460
460
460
700
700
700
700
700
680
680
680
650
500
500
450
700
700
700
655
630
595
575
555
530
500
470
425
370
350
335
315
285
270
255
240
205
195
185
175
165
160
150
140
130
120
100
95
90
85
75
65
60
20
20
20
20
20
20
20
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
500
490
480
480
470
470
470
470
450
430
410
380
360
350
320
300
280
250
200
180
165
150
125
85
80
75
65
45
36
30
28
22
20
16
15
13
11
10
9.5
8.5
7.5
6.5
6.0
5.5
5.4
4.75
4.35
4.0
3.7
3.4
2.8
2.4
2.2
2.0
1.6
1.15
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Rated
Current
(mA)
All specifications subject to change without notice.
24 AWG
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
NOMINAL
0.276
(7.01)
MAX.
0.118
(3.00)
MAX.
Dimensions:
Inches
(mm)
1.15
(29)
NOMINAL
1.15
(29)
For Tape and Reel packaging please
add ”-TR” to the part number.
Pack.
REVISED 10/13/10


Similar Part No. - AC20-R33K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC20-R33K-RC ALLIED-AC20-R33K-RC Datasheet
932Kb / 1P
Axial Coated Inductors
AC20-R33K-RC ALLIED-AC20-R33K-RC Datasheet
969Kb / 1P
Axial Coated Inductors
More results

Similar Description - AC20-R33K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC20-R027M-RC ALLIED-AC20-R027M-RC Datasheet
932Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC Datasheet
824Kb / 1P
Axial Coated Inductors
AC10-R10M-RC ALLIED-AC10-R10M-RC_10 Datasheet
885Kb / 1P
Axial Coated Inductors
AC30-R10K-RC ALLIED-AC30-R10K-RC_10 Datasheet
1,003Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC_10 Datasheet
898Kb / 1P
Axial Coated Inductors
AC80-1R0K-RC ALLIED-AC80-1R0K-RC Datasheet
1Mb / 1P
Axial Coated Inductors
AC20 ALLIED-AC20 Datasheet
969Kb / 1P
Axial Coated Inductors
AC30 ALLIED-AC30 Datasheet
967Kb / 1P
Axial Coated Inductors
AC40 ALLIED-AC40 Datasheet
864Kb / 1P
Axial Coated Inductors
AC35 ALLIED-AC35 Datasheet
1Mb / 2P
Axial Coated Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com