Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS20-R12K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AS20-R12K-RC
Description  Axial Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AS20-R12K-RC Datasheet(HTML) 1 Page - Allied Components International

  AS20-R12K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Shielded Inductors
AS20
Electrical
Rated Current: Inductance will drop
< 10% at rated current.
Tolerance: ±10% over the entire
inductance range. Tighter tolerances
available.
Shielding: < 5% coupling with 2 units
side by side at 1 KHz.
Test Procedures: L & Q Measured with
HP4342A Q-Meter at specified
Frequency. DCR Measured on CH-301
SRF Measured on HP-4191A, HP4291B.
Operating Temp.: -55°C to + 125°C.
Physical
Packaging (bulk): 1,000 pieces per bag.
Packaging (tape & reel): 5000 pieces
per reel.
AS20-R10K-RC
.10
10
39
25
400
0.071
1580
AS20-R12K-RC
.12
10
36
25
400
0.087
1360
AS20-R15K-RC
.15
10
35
25
400
0.109
1280
AS20-R18K-RC
.18
10
33
25
400
0.145
1110
AS20-R22K-RC
.22
10
35
25
400
0.165
1040
AS20-R27K-RC
.27
10
33
25
400
0.192
965
AS20-R33K-RC
.33
10
33
25
370
0.228
885
AS20-R39K-RC
.39
10
32
25
348
0.259
830
AS20-R47K-RC
.47
10
33
25
312
0.348
717
AS20-R56K-RC
.56
10
30
25
286
0.417
655
AS20-R68K-RC
.68
10
30
25
262
0.580
555
AS20-R82K-RC
.82
10
33
25
188
0.132
1160
AS20-1R0K-RC
1.0
10
35
25
166
0.169
1030
AS20-1R2K-RC
1.2
10
29
7.9
149
0.184
985
AS20-1R5K-RC
1.5
10
29
7.9
136
0.260
825
AS20-1R8K-RC
1.8
10
29
7.9
118
0.360
705
AS20-2R2K-RC
2.2
10
28
7.9
110
0.410
664
AS20-2R7K-RC
2.7
10
32
7.9
94
0.550
577
AS20-3R3K-RC
3.3
10
32
7.9
86
0.620
540
AS20-3R9K-RC
3.9
10
38
7.9
85
0.790
475
AS20-4R7K-RC
4.7
10
38
7.9
79
0.910
445
AS20-5R6K-RC
5.6
10
40
7.9
72
1.15
395
AS20-6R8K-RC
6.8
10
46
7.9
65
1.73
320
AS20-8R2K-RC
8.2
10
45
7.9
59
1.96
302
AS20-100K-RC
10
10
45
7.9
53
2.30
280
AS20-120K-RC
12
10
40
2.5
60
0.55
570
AS20-150K-RC
15
10
45
2.5
53
.710
500
AS20-180K-RC
18
10
45
2.5
45.8
1.00
423
AS20-220K-RC
22
10
45
2.5
42.2
1.09
404
AS20-270K-RC
27
10
48
2.5
31
1.35
364
AS20-330K-RC
33
10
54
2.5
26
1.90
305
AS20-390K-RC
39
10
54
2.5
24.2
2.10
293
AS20-470K-RC
47
10
54
2.5
22
2.40
271
AS20-560K-RC
56
10
60
2.5
21.2
2.90
248
AS20-680K-RC
68
10
55
2.5
29.9
3.20
237
AS20-820K-RC
82
10
57
2.5
16.8
3.70
219
AS20-101K-RC
100
10
60
2.5
13.2
4.60
198
AS20-121K-RC
120
10
58
0.79
11
5.20
184
AS20-151K-RC
150
10
60
0.79
9.1
5.90
173
AS20-181K-RC
180
10
60
0.79
7.4
7.40
156
AS20-221K-RC
220
10
60
0.79
7.2
8.50
145
AS20-271K-RC
270
10
60
0.79
6.8
10.0
133
AS20-331K-RC
330
10
60
0.79
5.5
13.4
115
AS20-391K-RC
390
10
60
0.79
5.1
15.0
109
AS20-471K-RC
470
10
60
0.79
5.0
21.0
92
AS20-561K-RC
560
10
60
0.79
4.9
23.0
88
AS20-681K-RC
680
10
60
0.79
4.6
26.0
82
AS20-821K-RC
820
10
60
0.79
4.2
34.0
72
AS20-102K-RC
1000
10
60
0.79
4.0
39.0
67
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Rated
Current
(mA)
All specifications subject to change without notice.
NOMINAL
NOMINAL
24AWG
0.25±0.01
(6.35±0.25)
0.100±0.01
(2.54±0.25)
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Dimensions:
Inches
(mm)
Marking (on part): 5 Band Color Code
per MIL-C-15305.
Marking (on reel): Manufacturers
Name, Part Number, Customers
Part Number, Invoice Number, Lot
or Data Code.
1.15
(29)
1.15
(29)
REVISED 10/01/10
For Tape and Reel packaging please
add ”-TR” to the part number.


Similar Part No. - AS20-R12K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AS20-R12K-RC ALLIED-AS20-R12K-RC Datasheet
805Kb / 1P
Axial Shielded Inductors
AS20-R12K-RC ALLIED-AS20-R12K-RC Datasheet
810Kb / 1P
Axial Shielded Inductors
More results

Similar Description - AS20-R12K-RC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTS1F CT-CTS1F Datasheet
160Kb / 1P
Shielded Inductors - Axial
CTS3F CT-CTS3F Datasheet
321Kb / 1P
Shielded Inductors - Axial
CTS5F CT-CTS5F Datasheet
161Kb / 1P
Shielded Inductors - Axial
logo
Allied Components Inter...
AS20-R10K-RC ALLIED-AS20-R10K-RC Datasheet
805Kb / 1P
Axial Shielded Inductors
AS30-R10K-RC ALLIED-AS30-R10K-RC Datasheet
907Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC Datasheet
928Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC_10 Datasheet
932Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC_10 Datasheet
961Kb / 1P
Axial Shielded Inductors
AS30 ALLIED-AS30 Datasheet
912Kb / 1P
Axial Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com