Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS30-R12K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AS30-R12K-RC
Description  Axial Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AS30-R12K-RC Datasheet(HTML) 1 Page - Allied Components International

  AS30-R12K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AS30 Axial Shielded Inductors
Electrical
Rated Current: Inductance Drop <10%
Tolerance: ±10% over the entire
inductance range. Tighter tolerances
available.
Shielding: < 5% coupling, with 2 units
side by side at 1 KHz.
Test Procedures: L & Q Measured with
HP4342A Q-Meter at specified Frequency.
DCR Measured on CH-301 SRF
Measured on HP-4191A, HP4291B.
Operating Temp.: -55°C to + 125°C.
Design: To meet MIL-C-15305, Grade 1,
Class B.
Physical
Marking (On Part): 5 Band Color Code
perMIL-C-15305.
Packaging (bulk): 1000 pieces per bag.
Packaging (tape & reel): 5000 pieces per
reel.
AS30-R10K-RC
.10
10
42
25
500
.112
1720
AS30-R12K-RC
.12
10
42
25
500
.126
1630
AS30-R15K-RC
.15
10
42
25
500
.136
1550
AS30-R18K-RC
.18
10
42
25
336
.165
1420
AS30-R22K-RC
.22
10
42
25
331
.198
1330
AS30-R27K-RC
.27
10
42
25
298
.220
1230
AS30-R33K-RC
.33
10
42
25
288
.258
1140
AS30-R39K-RC
.39
10
42
25
271
.292
1060
AS30-R47K-RC
.47
10
41
25
247
.360
960
AS30-R56K-RC
.56
10
39
25
236
.397
915
AS30-R68K-RC
.68
10
36
25
216
.472
840
AS30-R82K-RC
.82
10
35
25
200
.638
720
AS30-1R0K-RC
1.0
10
42
25
136
.208
1260
AS30-1R2K-RC
1.2
10
38
7.9
120
.225
1210
AS30-1R5K-RC
1.5
10
38
7.9
111
.265
1120
AS30-1R8K-RC
1.8
10
38
7.9
103
.285
1080
AS30-2R2K-RC
2.2
10
38
7.9
94.0
.330
1000
AS30-2R7K-RC
2.7
10
38
7.9
84.8
.381
935
AS30-3R3K-RC
3.3
10
38
7.9
78.4
.432
875
AS30-3R9K-RC
3.9
10
40
7.9
72.8
.576
755
AS30-4R7K-RC
4.7
10
42
7.9
66.4
.787
650
AS30-5R6K-RC
5.6
10
42
7.9
61.6
1.04
565
AS30-6R8K-RC
6.8
10
45
7.9
54.6
1.40
485
AS30-8R2K-RC
8.2
10
47
7.9
49.6
1.68
440
AS30-100K-RC
10
10
51
7.9
44.0
2.58
355
AS30-120K-RC
12
10
51
2.5
39.2
3.65
300
AS30-150K-RC
15
10
45
2.5
44.0
.862
620
AS30-180K-RC
18
10
43
2.5
40.0
1.02
570
AS30-220K-RC
22
10
42
2.5
36.0
1.12
545
AS30-270K-RC
27
10
37
2.5
32.8
1.28
510
AS30-330K-RC
33
10
46
2.5
29.6
1.70
440
AS30-390K-RC
39
10
38
2.5
26.4
1.99
405
AS30-470K-RC
47
10
42
2.5
23.2
2.41
370
AS30-560K-RC
56
10
41
2.5
21.6
2.85
340
AS30-680K-RC
68
10
46
2.5
18.4
3.21
320
AS30-820K-RC
82
10
46
2.5
16.8
3.57
305
AS30-101K-RC
100
10
43
2.5
15.2
4.10
280
AS30-121K-RC
120
10
50
0.25
14.4
5.97
235
AS30-151K-RC
150
10
49
0.79
12.0
7.05
215
AS30-181K-RC
180
10
56
0.79
11.2
8.42
200
AS30-221K-RC
220
10
53
0.79
9.60
14.8
150
AS30-271K-RC
270
10
57
0.79
9.20
16.8
140
AS30-331K-RC
330
10
57
0.79
8.40
18.6
130
AS30-391K-RC
390
10
57
0.79
8.00
21.1
120
AS30-471K-RC
470
10
50
0.79
6.80
32.2
100
AS30-561K-RC
560
10
50
0.79
6.00
36.4
95
AS30-681K-RC
680
10
56
0.79
5.60
41.1
90
AS30-821K-RC
820
10
49
0.79
5.20
45.0
85
AS30-102K-RC
1000
10
49
0.79
4.80
52.0
80
AS30-122K-RC
1200
10
50
.250
3.25
22.4
100
AS30-152K-RC
1500
10
50
.250
2.91
29.4
90
AS30-182K-RC
1800
10
50
.250
2.63
33.0
84
AS30-222K-RC
2200
10
55
.250
2.58
38.0
79
AS30-272K-RC
2700
10
55
.250
2.40
42.0
75
AS30-332K-RC
3300
10
55
.250
2.07
58.5
63.5
AS30-392K-RC
3900
10
50
.250
2.00
77.0
55.5
AS30-472K-RC
4700
10
50
.250
1.83
86.2
52.5
AS30-562K-RC
5600
10
45
.250
1.79
111
46.0
AS30-682K-RC
6800
10
45
.250
1.60
128
42.6
AS30-822K-RC
8200
10
45
.250
1.56
145
40.5
AS30-103K-RC
10000
10
45
.250
1.50
168
31.6
Rated
Current
(mA)
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
All specifications subject to change without notice.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
24AWG
NOMINAL
0.14±0.02
(3.56±0.51)
0.335
(8.51)
MAX.
Dimensions:
Inches
(mm)
1.15
(29)
NOMINAL
1.15
(29)
at rated current.
Marking (On Reel): Manufactures Name,
Part Number, Customers Part Number,
Invoice Number, Lot or Data Code.
REVISED 10/01/10
For Tape and Reel packaging please
add ”-TR” to the part number.


Similar Part No. - AS30-R12K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AS30-R12K-RC ALLIED-AS30-R12K-RC Datasheet
907Kb / 1P
Axial Shielded Inductors
AS30-R12K-RC ALLIED-AS30-R12K-RC Datasheet
912Kb / 1P
Axial Shielded Inductors
More results

Similar Description - AS30-R12K-RC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTS3F CT-CTS3F Datasheet
321Kb / 1P
Shielded Inductors - Axial
CTS5F CT-CTS5F Datasheet
161Kb / 1P
Shielded Inductors - Axial
logo
Allied Components Inter...
AS20-R10K-RC ALLIED-AS20-R10K-RC Datasheet
805Kb / 1P
Axial Shielded Inductors
AS30-R10K-RC ALLIED-AS30-R10K-RC Datasheet
907Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC Datasheet
928Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
AS20-R10K-RC ALLIED-AS20-R10K-RC_10 Datasheet
810Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC_10 Datasheet
932Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC_10 Datasheet
961Kb / 1P
Axial Shielded Inductors
AS30 ALLIED-AS30 Datasheet
912Kb / 1P
Axial Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com