Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPC50 Datasheet(PDF) 1 Page - Allied Components International

Part # ASPC50
Description  Power Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

ASPC50 Datasheet(HTML) 1 Page - Allied Components International

  ASPC50 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASPC50
Power Shielded Inductors
Allied
Part
Number
Rated
Current
(mA)
Inductance
(
µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
DCR
Max.
(Ω)
ASPC50-1R0K-RC
1.0
10
55
7.9
0.05
2200
ASPC50-5R0K-RC
5.0
10
35
7.9
0.12
1400
ASPC50-250K-RC
25
10
55
2.5
0.80
560
ASPC50-101K-RC
100
10
70
2.5
3.10
280
All specifications subject to change without notice.
0.450 Max
1.15 Nominal
22 AWG/TCW
0.150 Max
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Features
• Magnetically Shielded
• Epoxy End Caps for added Lead
Electrical
Test Equipment
Physical
Packaging:
Bulk Only
Inductance Range: 1.0µh ~ 100µh
Tolerance: 10% across entire range
Test Frequency: 1.0µh ~ 5µh @ 7.9MHZ
Operating Temp: -55ºC ~ +125ºC
dissipation for approximately 20ºC Temp Rise
Inductance / Q: HP4342A
Current: CH301 Current Source and DCR Meter
SRF: HP4191A / HP4291A
Marking:
EIA Inductance Code
Tighter tolerances available
Strength and Protection
Current Rating: Based on a .33 watt power
REVISED 7/26/10
ASPC50-2R5K-RC
2.5
10
45
7.9
0.08
1700
SRF
(MHz)
200
115
90
ASPC50-100K-RC
10
10
65
2.5
0.42
770
55
35
ASPC50-500K-RC
50
10
60
2.5
1.50
400
27
20
10µh ~ 100µh @ 2.5MHZ
Min.
Dimensions:
Inches
(mm)
(11.43)
(3.81)
(29.21)
100K


Similar Part No. - ASPC50

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
ASPC572 PCTEL-ASPC572 Datasheet
141Kb / 1P
Silhouette Low-Profile Transit Antennas
More results

Similar Description - ASPC50

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com