Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3001GML Datasheet(PDF) 70 Page - Micrel Semiconductor

Part # MIC3001GML
Description  FOM Management IC with Internal Calibration
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3001GML Datasheet(HTML) 70 Page - Micrel Semiconductor

Back Button MIC3001GML Datasheet HTML 66Page - Micrel Semiconductor MIC3001GML Datasheet HTML 67Page - Micrel Semiconductor MIC3001GML Datasheet HTML 68Page - Micrel Semiconductor MIC3001GML Datasheet HTML 69Page - Micrel Semiconductor MIC3001GML Datasheet HTML 70Page - Micrel Semiconductor MIC3001GML Datasheet HTML 71Page - Micrel Semiconductor MIC3001GML Datasheet HTML 72Page - Micrel Semiconductor MIC3001GML Datasheet HTML 73Page - Micrel Semiconductor MIC3001GML Datasheet HTML 74Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 76 page
background image
Micrel, Inc.
MIC3001
August 2004
70
M9999-082404-A
hbwhelp@micrel.com or (408) 955-1690
Choosing CCOMP
The APC loop is compensated by a capacitor, CCOMP,
connected from COMP to either VDDA or GNDA. This capacitor
adjusts the slew rate and bandwidth of the loop as follows:
where:
ISLEW = 64µA,
GM = 125µMho
these relationships are shown graphically in Figure 28 and
Figure 29.
Figure 28. Slew Rate vs. CCOMP Value
Figure 29. Open Loop Unity-Gain Bandwidth
vs. CCOMP
The loop response should be tailored to the data rate,
encoding format and maximum run-lengths, and required
laser turn-on time. Higher data rates and/or shorter
maximum run lengths and/or faster turn-on times call for
smaller capacitors. Lower data rates and/or longer maximum
run lengths and/or slower turn-on times call for larger
capacitors. In order to meet the SFP/GBIC turn-on
requirement of 1ms, for example, do not employ a capacitor
larger than 20nF. Low ESR capacitors such as ceramics will
give the best results. Excessive ESR will reduce the
effectiveness of CCOMP. The capacitor’s voltage rating must
exceed VDDA. Some typical values are shown in Table 22.
Application
CCOMP (nF)
8b/10b encoding, ≥1Gbps, tON ≤ 1ms
10
SONET (62b/64b encoding), ≥1Gbps
22
≥155Mbps, tON ≤ 1ms
22
≥155Mbps
100
Table 22. Typical Values for CCOMP
While there is no theoretical upper limit on the size of
CCOMP, it is desirable for the loop to be able to track the
changes
resulting
from
periodic
temperature
compensation. The typical temperature compensation
update period is 1.6s. Therefore, a maximum size of 1mF
is recommended. If laser turn-on time is not a factor, a
value between 100nF and 1mF can be used for virtually
any typical application. The tradeoff is that higher value
capacitors have a larger physical size and cost.
In order to maximize the power supply rejection ratio
(PSRR), CCOMP should be returned to GNDA when the
VBIAS output is sourcing current, e.g., driving an NPN
transistor (SRCE bit = 1). CCOMP should be returned to
VDDA when the VBIAS output is sinking current, e.g., driving
a PNP transistor (SRCE bit =0).
Measuring Laser Bias Current
VILD+ and VILD– form a pair of pseudo-differential A/D
inputs for measuring laser diode bias current via a sense
resistor. The signal applied to these inputs is converted to
a single-ended, ground-referenced signal for input into
the ADC and bias current fault comparator. These inputs
have limited common-mode voltage range. The full-scale
differential input range is VREF/4 or about 300mV.
Figure 26 and Figure 27 illustrate the typical
implementation of this function. Note that VILD– is always
connected to the circuit’s reference potential: VDD in the
case of a common-anode transmitter optical sub-
assembly (TOSA) and GND in the case of a common-
cathode TOSA. Note that the monitor photodiode current
will also flow in the sense resistor. This will result in a
small offset in the measured bias current. The APC
function will hold this term constant, so it can be corrected
for in the external calibration constants. The sensing
resistor could also be connected between VDD and the
emitter of Q1 on figure 26 or between the emitter of Q1
and GND on Figure 27.
Interfacing To Laser Drivers
In order for the MIC3001 to control the modulation current
of the laser diode, an interface circuit may be required
depending on the method used by the driver to set its
modulation current level. Generally, most laser diode
driver ICs use one of three methods:
a) A current, ISET, is sourced into a pin on the driver
IC. The modulation current delivered by the driver
is then some fixed multiple of ISET. The SY88912 is
an example of this type of driver. A simple circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com